Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4570 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP4570
Description  3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4570 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP4570 Datasheet HTML 10Page - Monolithic Power Systems MP4570 Datasheet HTML 11Page - Monolithic Power Systems MP4570 Datasheet HTML 12Page - Monolithic Power Systems MP4570 Datasheet HTML 13Page - Monolithic Power Systems MP4570 Datasheet HTML 14Page - Monolithic Power Systems MP4570 Datasheet HTML 15Page - Monolithic Power Systems MP4570 Datasheet HTML 16Page - Monolithic Power Systems MP4570 Datasheet HTML 17Page - Monolithic Power Systems MP4570 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
MP4570 – 3A, 55V, SYNCHRONOUS STEP DOWN CONVERTER
MP4570 Rev. 1.01
www.MonolithicPower.com
14
1/4/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
The MP4570 is a step-down switching regulator
with integrated high-side high voltage power
MOSFETs. It features as wide input voltage
range, high efficiency, external internal soft-start,
frequency programmable and comprehensive
protection mode, i.e. OVP, OCP, OTP.
PWM Control
The MP4570 uses peak current mode control to
regulate the output voltage.
A PWM cycle is initiated by the internal clock at
the beginning of every cycle. After the high side
MOSFET turns on, the inductor current will rise
linearly to provide the energy to the load. The
high side MOSFET remains on until its current
hits the COMP voltage which is the output of the
internal error amplifier (EA). The output voltage
of error amplifier depends on the difference of
output feedback voltage and the internal high
precision reference and it will decide how much
energy should be transferred to the load. The
higher load current, the higher COMP voltage.
After the high switch is off, the low side switch is
on and the inductor current will flow through the
low side switch. In order to avoid shoo-through
issue, the dead time is inserted to avoid the high
side and low side MOSFETS to turn on at the
same time. For each turn on and off in a
switching cycle, the high side MOSFET will keep
on and off with minimum on and off time limit.
Light Load Operation
In order to get high efficiency, MP4570 has two
features during light load: 1).When the load
current decreases, the inductor current will drop
at same time. The low side MOSFET will turn off
in order to save driver loss when inductor current
drops to zero. 2) When the load decreases, the
switching frequency will be scaled down in order
to reduce switching loss after COMP voltage
drops down lower than certain threshold.
Error Amplifier
The error amplifier compares the FB pin voltage
with the internal reference and outputs a current
proportional to the difference between the two.
This current is used to charge the external
compensation networks to form the COMP
voltage, which is used to control the high side
MOSFET peak current and to regulate the output
voltage.
Oscillator and SYNC Function
The internal oscillator frequency is set by a single
external resistor (RFREQ) connected between
FREQ pin and GND. The frequency setting
resistor should be located close to the device.
The relationship between oscillator frequency
and RFREQ refer to table 1 in APPLICATION
INFORMATION section.
During light load, the switching frequency will be
scalded down according to the COMP voltage.
The switching frequency will start to decrease
when the COMP voltage is lower than around
0.8V. And the switching will be disabled when the
COMP voltage drops lower than around 0.7V.
In order to reduce the switching loss and the
thermal dissipation, the switching frequency will
be decreased according to the FB voltage. When
the FB is lower than 25%xRFE, the switching
frequency starts to decrease from the normal
value, and finally drops to 5% of the normal value
when the FB is zero.
The FREQ pin can be used to synchronize the
internal oscillator rising edge to an external clock
falling edge. Make sure the HIGH amplitude of
SYNC clock is higher than 1.5V and LOW
amplitude is lower than 1V to drive the internal
logic.
The
recommended
external
SYNC
frequency is in the range of 100kHz and 1MHz.
There is no pulse width requirement but please
note that there is always parasitic capacitance of
the pad there, so, if the pulse width is too short, a
clear rising and falling edge may not be seen due
to the parasitic capacitance. The pulse longer
than 100ns is recommended in application.
EN Control
EN is a control pin that turns the regulator on and
off: Drive EN higher than 1.6V to turn on the
regulator, drive it lower than 1.3V to turn off.
There is no internal pull-up or pull-down at EN,
so when it is floating, the EN status is uncertain.
The EN pin is clamped internally using a 6.5V
zener diode between EN and GND, as shown in
the functional block diagram. Connecting the EN
pin directly to a voltage source without any pull-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com