Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8712 Datasheet(PDF) 22 Page - Monolithic Power Systems

Part # MP8712
Description  High-Efficiency, 12A, 3V-18V, Synchronous Step-Down Converter with Power Good, External Soft Start and OVP
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8712 Datasheet(HTML) 22 Page - Monolithic Power Systems

Back Button MP8712 Datasheet HTML 18Page - Monolithic Power Systems MP8712 Datasheet HTML 19Page - Monolithic Power Systems MP8712 Datasheet HTML 20Page - Monolithic Power Systems MP8712 Datasheet HTML 21Page - Monolithic Power Systems MP8712 Datasheet HTML 22Page - Monolithic Power Systems MP8712 Datasheet HTML 23Page - Monolithic Power Systems MP8712 Datasheet HTML 24Page - Monolithic Power Systems MP8712 Datasheet HTML 25Page - Monolithic Power Systems MP8712 Datasheet HTML 26Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
MP8712 – 18V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8712 Rev.1.01
www.MonolithicPower.com
22
3/28/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
9
5
C5
0.47μF
RPG
100kΩ
C1
22µF
R2
120kΩ
R4
10kΩ
C2
22µF
C2A
22µF
C1A
22µF
C1B
0.1µF
R3
0Ω
C3
0.1µF
C2B
22µF
R1
80.6kΩ
L1
1.5µH
C4
22pF
C6
22nF
VIN
12V
PG
VOUT
1V/12A
13
7
3, 4, 6
14
8
12
11
10
2
1
C2C
22µF
EN
R5
499kΩ
Figure 8: VIN = 12V, VOUT = 1V, IOUT = 12A
9
5
C5
0.47μF
RPG
100kΩ
C1
22µF
R2
80.6kΩ
R4
10kΩ
C2
22µF
C2A
22µF
C1A
22µF
C1B
0.1µF
R3
0Ω
C3
0.1µF
C2B
22µF
R1
80.6kΩ
L1
1.5µH
C4
22pF
C6
22nF
VIN
12V
PG
VOUT
1.2V/12A
13
7
3, 4, 6
14
8
12
11
10
2
1
C2C
22µF
EN
R5
499kΩ
Figure 9: VIN = 12V, VOUT = 1.2V, IOUT = 12A
9
5
C5
0.47μF
RPG
100kΩ
C1
22µF
R2
53.6kΩ
R4
10kΩ
C2
22µF
C2A
22µF
C1A
22µF
C1B
0.1µF
R3
0Ω
C3
0.1µF
C2B
22µF
R1
80.6kΩ
L1
1.5µH
C4
22pF
C6
22nF
VIN
12V
PG
VOUT
1.5V/12A
13
7
3, 4, 6
14
8
12
11
10
2
1
C2C
22µF
EN
R5
499kΩ
Figure 10: VIN = 12V, VOUT = 1.5V, IOUT = 12A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com