Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIT5000 Datasheet(PDF) 2 Page - SiTime Corp.

Part # SIT5000
Description  Standard Frequency MEMS (VC)TCXO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT5000 Datasheet(HTML) 2 Page - SiTime Corp.

  SIT5000 Datasheet HTML 1Page - SiTime Corp. SIT5000 Datasheet HTML 2Page - SiTime Corp. SIT5000 Datasheet HTML 3Page - SiTime Corp. SIT5000 Datasheet HTML 4Page - SiTime Corp. SIT5000 Datasheet HTML 5Page - SiTime Corp. SIT5000 Datasheet HTML 6Page - SiTime Corp. SIT5000 Datasheet HTML 7Page - SiTime Corp. SIT5000 Datasheet HTML 8Page - SiTime Corp. SIT5000 Datasheet HTML 9Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
The Smart Timing Choice
The Smart Timing Choice
SiT5000
Standard Frequency MEMS (VC)TCXO
Rev. 1.0
Page 2 of 7
www.sitime.com
Environmental Compliance
Pin Configuration
Pin
Symbol
Functionality
1VC/OE/ST/NC
V control
Voltage control
Output
Enable
H or Open[2]: specified frequency output
L: output is high impedance. Only output driver is disabled.
Standby
H or Open[2]: specified frequency output
L: output is low (weak pull down). Device goes to sleep mode. Supply
current reduces to I_std.
NC
No connect (input receiver off)
2
GND
Power
Electrical and case ground
3
CLK
Output
Oscillator output
4
VDD
Power
Power supply voltage
Note:
2. A pull-up resistor of <10 k? between OE/ ST pin and Vdd is recommended in high noise environment when the device operates in OE/ST mode.
Absolute Maximum
Attempted operation outside the absolute maximum ratings of the part may cause permanent damage to the part. Actual perfor-
mance of the IC is only guaranteed within the operational specifications, not at absolute maximum ratings.
Parameter
Min.
Max.
Unit
Storage Temperature
-65
150
°C
VDD
-0.5
4
V
Electrostatic Discharge
–
2000
V
Soldering Temperature (follow standard Pb free soldering guidelines)
–
260
°C
Thermal Consideration
Package
JA, 4 Layer Board
(°C/W)
JA, 2 Layer Board
(°C/W)
JC, Bottom
(°C/W)
7050
191
263
27
5032
97
199
24
3225
109
212
27
2520
117
222
26
Parameter
Condition/Test Method
Mechanical Shock
MIL-STD-883F, Method 2002
Mechanical Vibration
MIL-STD-883F, Method 2007
Temperature Cycle
JESD22, Method A104
Solderability
MIL-STD-883F, Method 2003
Moisture Sensitivity Level
MSL1 @ 260°C
1
4
VC/OE/ST
VDD
3
2
GND
OUT
Note:
1. All electrical specifications in the above table are measured with 15pF output load, Contact SiTime for higher drive options.
Electrical Characteristics (continued)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Startup Time
T_start
–
–
10
ms
Measured from the time Vdd reaches its rated minimum value
OE Enable/Disable Time
T_oe
–
–
150
ns
f = 80 MHz. For other frequencies, T_oe = 100 ns + 3 cycles
Resume Time
T_resume
–
6
10
ms
Measured from the time ST pin crosses 50% threshold
RMS Period Jitter
T_jitt
–
1.7
2
ps
f = 10 MHz, Vdd = 2.5V, 2.8V or 3.3V
–
1.7
2
ps
f = 10 MHz, Vdd = 1.8V
RMS Phase Jitter (random)
T_phj
–
0.5
1
ps
f = 10 MHz, Integration bandwidth = 12 kHz to 20 MHz, All Vdds
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com