Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD25B Datasheet(PDF) 2 Page - BeRex Corporation

Part # BD25B
Description  Quadruple Band 2-Way SMT Power Divider
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BD25B Datasheet(HTML) 2 Page - BeRex Corporation

  BD25B Datasheet HTML 1Page - BeRex Corporation BD25B Datasheet HTML 2Page - BeRex Corporation BD25B Datasheet HTML 3Page - BeRex Corporation BD25B Datasheet HTML 4Page - BeRex Corporation BD25B Datasheet HTML 5Page - BeRex Corporation BD25B Datasheet HTML 6Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Quadruple Band 2-Way SMT Power Divider
BD25B
1700~2500MHz USPCS & PCS, WCDMA & TD-SCDMA, WiBro
2
Rev. F
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
Typical Test Data
With Back Side Ground Soldering
Without Back Side Ground Soldering
Parameters
Unit
USPCS & PCS
TD-SCDMA
WCDMA
WiBro
Frequency Range
MHz
1700
1800
1900
1900
2075
2250
2200
2350
2500
Insertion Loss
dB
0.37
0.38
0.38
0.38
0.42
0.53
0.48
0.60
0.75
Isolation
dB
19.6
20.8
21.9
21.9
25.7
28.9
30.6
22.2
15.5
IRL(S11)
dB
-21.3
-23.7
-25.4
-25.4
-22.0
-17.3
-18.5
-15.2
-12.6
ORL(S22,S33)
dB
-24.4
-32.2
-33.9
-33.9
-24.7
-22.4
-22.6
-22.5
-22.7
Phase Diff.
deg
0.2
0.2
0.3
0.3
0.4
0.5
0.5
0.7
0.7
Amplitude Balance
dB
0.07
0.07
0.07
0.08
0.09
0.10
0.10
0.12
0.10
Parameters
Unit
USPCS & PCS
TD-SCDMA
WiBro
Frequency Range
MHz
1700
1800
1900
1900
2075
2250
2200
2350
2500
Insertion Loss
dB
0.40
0.41
0.42
0.42
0.49
0.64
0.59
0.75
0.94
Isolation
dB
19.5
21.1
22.7
22.7
26.3
23.6
25.7
19.0
13.7
IRL(S11)
dB
-20.8
-21.7
-21.1
-21.1
-17.8
-14.3
-15.2
-12.4
-10.2
ORL(S22,S33)
dB
-25.9
-37.8
-31.5
-31.5
-22.8
-20.3
-20.6
-19.9
-19.4
Phase Diff.
deg
1.5
1.5
1.6
1.6
1.7
1.7
1.7
1.7
2.0
Amplitude Balance
dB
0.08
0.08
0.09
0.09
0.11
0.10
0.11
0.10
0.08



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com