Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCSERIES Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # RCSERIES
Description  1 Watt DC/DC Power Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

RCSERIES Datasheet(HTML) 4 Page - Wall Industries,Inc.

  RCSERIES Datasheet HTML 1Page - Wall Industries,Inc. RCSERIES Datasheet HTML 2Page - Wall Industries,Inc. RCSERIES Datasheet HTML 3Page - Wall Industries,Inc. RCSERIES Datasheet HTML 4Page - Wall Industries,Inc. RCSERIES Datasheet HTML 5Page - Wall Industries,Inc. RCSERIES Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Rev C
RC SERIES
1 Watt DC/DC Power Converters
07/17/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 6
MECHANICAL DRAWINGS
Package 1
Notes
1. Unit: inches [mm]
2. Tolerance: ±0.01 [±0.25]
3. Case Material: DAP
4. Weight: 0.06oz (1.8g)
PIN CONNECTIONS
Pin
Single
Dual
1
-Vin
-Vin
3
+Vin
+Vin
5
NC
NC
9
-Vout
Com
11
NC
-Vout
12
NC
NC
14
+Vout
+Vout
18
NC
NC
20
NC
NC
22
NC
NC
Package 2
Notes
1. Unit: inches [mm]
2. Tolerance: ±0.01 [±0.25]
3. Case Material: DAP
4. Weight: 0.06oz (1.8g)
PIN CONNECTIONS
Pin
Single
Dual
1
-Vin
-Vin
3
+Vin
+Vin
5
NC
NC
9
-Vout
Com
11
NC
-Vout
12
NC
NC
14
+Vout
+Vout
18
NC
NC
20
NC
NC
22
NC
NC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com