Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELV Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # ELV
Description  DHW24S3.3-33
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

ELV Datasheet(HTML) 4 Page - Wall Industries,Inc.

  ELV Datasheet HTML 1Page - Wall Industries,Inc. ELV Datasheet HTML 2Page - Wall Industries,Inc. ELV Datasheet HTML 3Page - Wall Industries,Inc. ELV Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
06/09/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 4
ELV Series
50~100 Watts
Single Output
Half-Brick DC/DC Converter
Rev. G
MECHANICAL DRAWING (Thru-Hole Version)
Unit: inches [mm]
.400 [10.16]
.700 [17.78]
1.000 [25.40]
1.400 [35.56]
1.900 [48.26]
.000 [0.00]
WALL INDUSTRIES
DC/DC CONVERTER
R
.30 [7.6]
.50 [12.7]
LEXAN INSULATOR 2X
10
9
7
5
4
3
2
61
8
Ø.125±.005 [3.18±0.13] THRU 4X
NO PIN
LABEL
.20 MIN [5.1 MIN]
PIN LENGTH FROM
XXXX
EXETER, NH 03833
MODEL NAME
XXXX
STANDOFFS ONLY
2.28+.02 57.9+0.5
-.03
-0.8
.50 [12.7]
TO STANDOFFS ONLY
.19+.02 4.8+0.5
-.03
-0.6
SERIAL NO:
DATE CODE
SEE NOTE-3
NOTES:
1. PIN TO PIN TOLERANCE ± .01 [±0.3],
PIN DIAMETER TOLERANCE: ±.005 [±0.13].
2. CASE MATERIAL: .040 [1.02] THICK, ALUMINUM ALLOY 3003-0,
PER: QQA 250/2.
3. UNLESS OTHERWISE SPECIFIED.
TO ORDER:
4. UNIT COMES WITH EITHER 3M x 0.5 THREADED THRU INSERTS
OR FOR Ø.125 THRU-HOLE ADD: “TH” SUFFIX TO MODEL PART
NUMBER. EXAMPLE: ELV12S15-100TH
5. CONSULT FACTORY FOR OPTIONAL HEAT SINK.
UNLESS OTHERWISE SPECIFIED
ALL DIMENSIONS ARE IN INCHES
[XX] ARE IN MILLIMETERS
APPLIED TOLERANCES:
ANGLES = ±1°
X.XX=±0.02 [0.5] X.XXX=±0.010 [0.25]
DO NOT SCALE DRAWING
INTERPRET DIMENSION AND TOLERACE
PER ASME Y14.5M - 1994
PIN DESIGNATION
PIN Ø
1
-OUTPUT
Ø.081
2
-SENSE
Ø.040
3
TRIM
Ø.040
4
+SENSE
Ø.040
5
+OUTPUT
Ø.081
6
-Vin
Ø.081
7
CASE GRD
Ø.040
8
NO PIN
9
ON/OFF
Ø.040
10
+Vin
Ø.081



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com