Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDM03U40 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SDM03U40
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDM03U40 Datasheet(HTML) 1 Page - Diodes Incorporated

  SDM03U40 Datasheet HTML 1Page - Diodes Incorporated SDM03U40 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS30392 Rev. 1 - 2
1 of 2
SDM03U40
www.diodes.com
ã Diodes Incorporated
SDM03U40
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
Maximum Ratings @ TA = 25°C unless otherwise specified
·
Low Forward Voltage Drop
·
Guard Ring Die Construction for
Transient Protection
·
Ideal for low logic level applications
·
Low Capacitance
Mechanical Data
Characteristic
Symbol
Value
Unit
Peak Reverse Voltage
VRM
40
V
DC Reverse Voltage
VR
30
V
RMS Reverse Voltage
VR(RMS)
21
V
Average Rectified Current
IO
30
mA
Non-Repetitive Peak Forward Surge Current @8.3ms
Single half sine-wave superimposed on rated load
(JEDEDC method)
IFSM
200
mA
Power Dissipation (Note 2)
Pd
150
mW
Thermal Resistance, Junction to Ambient (Note 2)
RqJA
667
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-40 to +125
°C
Electrical Characteristics
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Breakdown Voltage (Note 3)
V(BR)R
40
¾¾
V
IR = 10uA
Forward Voltage Drop
VF
¾
290
370
mV
IF = 1mA
Peak Reverse Current (Note 3)
IR
¾¾
0.5
mA
VR = 30V
Total Capacitance
Cj
¾
2
¾
pF
VR = 1V, f = 1.0 MHz
@ TA = 25
°C unless otherwise specified
·
Case: SOD-523, Molded Plastic
·
Case material - UL Flammability Rating
Classification 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Finish - Matte Tin (Note 1)
Solderable per MIL-STD-202, Method 208
·
Polarity: Cathode Band
·
Marking Code: LK
·
Weight: 0.002 grams (approx.)
C
D
G
E
CATHODE MARK
MARKING CODE
SOD-523
Dim
Min
Max
A
1.50
1.70
B
1.10
1.30
C
0.25
0.35
D
0.70
0.90
E
0.10
0.20
G
0.50
0.70
All Dimensions in mm
Device
Packaging
Shipping
SDM03U40-7
SOD-523
3000/Tape & Reel
(Note 4)
Ordering Information
Note:
1. If lead-bearing terminal plating is required, please contact your Diodes Inc. sales representative for availability and minimum
order details.
2. Part mounted on FR-4 board with recommended pad layout, which can be found on our website
at http://www.diodes.com/datasheets/ap02001.pdf.
3. Short duration pulse test used so as to minimize self-heating effect.
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
SPICE MODEL: SDM03U40


Similar Part No. - SDM03U40

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDM03U40 DIODES-SDM03U40 Datasheet
79Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30392 Rev. 6 - 2
SDM03U40 DIODES-SDM03U40 Datasheet
76Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30392 Rev. 9 - 2
logo
SUNMATE electronic Co.,...
SDM03U40 SUNMATE-SDM03U40 Datasheet
251Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
SDM03U40-7 DIODES-SDM03U40-7 Datasheet
79Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30392 Rev. 6 - 2
SDM03U40-7 DIODES-SDM03U40-7 Datasheet
76Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30392 Rev. 9 - 2
More results

Similar Description - SDM03U40

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com