Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAM1-0313 Datasheet(PDF) 3 Page - PAIRUI GROUP INC.

Part # DAM1-0313
Description  DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DAM1-0313 Datasheet(HTML) 3 Page - PAIRUI GROUP INC.

  DAM1-0313 Datasheet HTML 1Page - PAIRUI GROUP INC. DAM1-0313 Datasheet HTML 2Page - PAIRUI GROUP INC. DAM1-0313 Datasheet HTML 3Page - PAIRUI GROUP INC. DAM1-0313 Datasheet HTML 4Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.pairuigroup.com
Page:
3/4
Date: 07/20/2015
* Subject to change without prior notice
DC-DC Converter
DIP-Package
DAM-1 SERIES, 1WATT, 1KVDC, ISOLATED, UNREGULATED
ELECTRICAL
Notes: All the parameters are measured at 25
℃ ambient temperature, humidity < 75%, nominal input voltage,
full load and after warm-up, unless otherwise specified.
MECHANICAL
CONNECTION
PIN #
SINGLE
DUAL
ISOLATED
TWIN
1
GND
GND
GND
7
NC
NC
NC
8
0V
0V
+Vo2
9
+Vo
+Vo
0V2
10
No Pin
No Pin
+Vo1
11
No Pin
-Vo
0V1
14
+Vin
+Vin
+Vin
Note:
* Unit is mm(inch).
ELECTRICAL CURVE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com