Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMV1-0321 Datasheet(PDF) 2 Page - PAIRUI GROUP INC.

Part # DMV1-0321
Description  DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DMV1-0321 Datasheet(HTML) 2 Page - PAIRUI GROUP INC.

  DMV1-0321 Datasheet HTML 1Page - PAIRUI GROUP INC. DMV1-0321 Datasheet HTML 2Page - PAIRUI GROUP INC. DMV1-0321 Datasheet HTML 3Page - PAIRUI GROUP INC. DMV1-0321 Datasheet HTML 4Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.pairuigroup.com
Page:
2/4
Date: 07/20/2015
* Subject to change without prior notice
DC-DC Converter
DIP-Package
DMV-1 SERIES, 1WATT, 1KVDC, ISOLATED, UNREGULATED
Model
Input voltage
(Vdc)
Output voltage
(Vdc)
Output current
(mA)
Efficiency
Typ.
Min.
Max.
DMV1-1210
12(10.8~13.2)
3.3
30
300
77%
DMV1-1211
5
20
200
78%
DMV1-1212
9
11
111
78%
DMV1-1213
12
8.3
83
80%
DMV1-1214
15
6.7
67
80%
DMV1-1220
±3.3
15
150
76%
DMV1-1221
±5
10
100
80%
DMV1-1222
±9
5.6
56
77%
DMV1-1223
±12
4.2
42
79%
DMV1-1224
±15
3.3
33
79%
DMV1-1201
5, 5
10
100
80%
DMV1-1202
9, 9
5.6
56
77%
DMV1-1203
12, 12
4.2
42
79%
DMV1-1204
15, 15
3.3
33
79%
DMV1-2410
24(21.6~26.4)
3.3
30
300
74%
DMV1-2411
5
20
200
70%
DMV1-2412
9
11
111
76%
DMV1-2413
12
8.3
83
78%
DMV1-2414
15
6.7
67
80%
DMV1-2420
±3.3
15
150
70%
DMV1-2421
±5
10
100
69%
DMV1-2422
±9
5.6
56
74%
DMV1-2423
±12
4.2
42
72%
DMV1-2424
±15
3.3
33
72%
DMV1-2401
5, 5
10
100
69%
DMV1-2402
9, 9
5.6
56
74%
DMV1-2403
12, 12
4.2
42
78%
DMV1-2404
15, 15
3.3
33
78%
Notes: Other input and output models may available on request.
ELECTRICAL
Line regulation
---
1.5% max.
Load regulation
10% ~ 100% full load
15% max.
Isolation voltage
Leakage current < 1mA/1min.
1000Vdc min.
Isolation resistance
Test at 500VDC
1000m
Ω min.
Switching frequency
---
100KHz typ.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com