Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FL7701 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FL7701
Description  Smart LED Lamp Driver IC with PFC Function
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FL7701 Datasheet(HTML) 4 Page - ON Semiconductor

  FL7701 Datasheet HTML 1Page - ON Semiconductor FL7701 Datasheet HTML 2Page - ON Semiconductor FL7701 Datasheet HTML 3Page - ON Semiconductor FL7701 Datasheet HTML 4Page - ON Semiconductor FL7701 Datasheet HTML 5Page - ON Semiconductor FL7701 Datasheet HTML 6Page - ON Semiconductor FL7701 Datasheet HTML 7Page - ON Semiconductor FL7701 Datasheet HTML 8Page - ON Semiconductor FL7701 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FL7701
• Rev. 1.0.4
3
Pin Configuration
CS
OUT
VCC
RT
HV
NV
GND
ADIM
Figure 3. Pin Configuration
Pin Definitions
Pin #
Name
Description
1
CS
Current Sense
. Limits output current depending on the sensing resistor voltage. The CS pin is
also used to set the LED current regulation
2
OUT
OUT
. Connects to the MOSFET gate.
3
VCC
VCC
. Supply pin for stable IC operation ZCD signal detection used for accurate PFC function.
4
RT
RT
. Programmable operating frequency using external resistor and the IC has pre-fixed
frequency when this pin is open or floating.
5
ADIM
Analog Dimming
. Connect to the internal current source and can change the output current
using an external resistor. If ADIM is not used, it is recommended to connect a 0.1 µF bypass
capacitor between the ADIM and GND.
6
GND
GROUND
. Ground for the IC.
7
NC
No Connection
8
HV
High Voltage
. Connect to the high voltage line and supply current to the IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com