Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSAFC Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSAFC
Description  Isolation Class II
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAFC Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSAFC Datasheet HTML 1Page - Wall Industries,Inc. PSAFC Datasheet HTML 2Page - Wall Industries,Inc. PSAFC Datasheet HTML 3Page - Wall Industries,Inc. PSAFC Datasheet HTML 4Page - Wall Industries,Inc. PSAFC Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Wall Industries, Inc.
Rev B
PSAFC SERIES
10 Watt AC/DC Encapsulated PCB Mount Power Supplies
09/03/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 5
SPECIFICATIONS: PSAFC SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
AC input voltage range
90
264
VAC
Input Voltage
DC input voltage range
120
370
VDC
Input Frequency
47
440
Hz
At 115VAC and full load
220
Input Current
At 230VAC and full load
150
mA
At 115VAC
10
Standard Models
At 230VAC
20
A
At 115VAC
23
Inrush Current (< 2ms)
“-E1” Suffix Models
At 230VAC
46
A
External Fuse (recommended)
2A slow blow type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
-2
+2
%
Line Regulation
Low line to high line
-0.3
+0.3
%
Load Regulation
10% - 100% load
-0.5
+0.5
%
Output Power
See Table
Output Current
See Table
Minimum Load
0
%
Ripple
< 0.2% Vout + 40mV max
Ripple & Noise
Noise
Measured at 20MHz BW and with a 47µF tantalum capacitor and a
0.1µF ceramic capacitor in parallel across the output.
< 0.5% Vout +50mV max.
Vp-p
Maximum Capacitive Load
See Table
Hold-Up Time
15
ms
Temperature Coefficient
-0.02
+0.02
%/°C
PROTECTION
Short Circuit Protection
Hiccup mode, indefinite (auto-recovery)
Over Voltage Protection
Zener diode clamp
Over Power Protection
Hiccup technique, auto-recovery
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
125
KHz
Isolation Voltage
Input to Output
3000
VAC
Leakage Current
0.75
mA
ENVIRONMENTAL SPECIFICATIONS
Standard Models
-25
+70
Operating Temperature
“-E1” Suffix Models
-40
+70
°C
Storage Temperature
-40
+85
°C
Humidity
20
85
% RH
Vibration
10-55Hz 0.5mm width / 1 minute cycle
Shock
20G (3 directions each 3 times
Cooling
Free air convection
MTBF
25°C (MIL-HDBK-217F)
330,000
hours
PHYSICAL SPECIFICATIONS
Weight
1.8oz (51g)
Case Material
Plastic resin with fiberglass (Flammability to UL 94V-0)
Dimensions (L x W x H)
2.06 x 1.07 x 0.93 inches (52.4 x 27.2 x 23.5 mm)
SAFETY & EMC
Safety Approvals
CE, UL/cUL, CE, CB
EMI (Conducted and Radiated Emissions)
EN 55022 Class B
EMC
EMS (Noise Immunity)
EN 55024



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com