Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LYT6MF Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LYT6MF
Description  black PLCC-2 package, colorless resin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYT6MF Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LYT6MF Datasheet HTML 5Page - OSRAM GmbH LYT6MF Datasheet HTML 6Page - OSRAM GmbH LYT6MF Datasheet HTML 7Page - OSRAM GmbH LYT6MF Datasheet HTML 8Page - OSRAM GmbH LYT6MF Datasheet HTML 9Page - OSRAM GmbH LYT6MF Datasheet HTML 10Page - OSRAM GmbH LYT6MF Datasheet HTML 11Page - OSRAM GmbH LYT6MF Datasheet HTML 12Page - OSRAM GmbH LYT6MF Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Version 1.0
LY T6MF
2013-09-23
9
Relative Spectral Emission - V( ) = Standard eye response curve 6) page 20
Relative spektrale Emission - V( ) = spektrale Augenempfindlichkeit 6) Seite 20
Irel= f ( ); TS = 25 °C; IF = 20 mA
Radiation Characteristics 6) page 20
Abstrahlcharakteristik 6) Seite 20
Irel = f ( ); TS = 25 °C
LYT6MF
350
400
450
500
550
600
650
700
750
800
λ[nm]
0.0
0.2
0.4
0.6
0.8
1.0
Irel
: Vλ
LYT6MF
-100°
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
0°
10° 20° 30° 40° 50° 60° 70° 80° 90°
ϕ[°]
0,0
0,2
0,4
0,6
0,8
1,0 Irel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com