Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74LCX07FN Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74LCX07FN
Description  Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs (open drain)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX07FN Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74LCX07FN Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX07FN Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX07FN Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX07FN Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX07FN Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX07FN Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX07FN Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX07FN Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX07FN Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74LCX07F/FN/FT
2002-01-11
1
TOSHIBA CMOS Digital Integrated Circuit
Silicon Monolithic
TC74LCX07F,TC74LCX07FN,TC74LCX07FT
Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs (open drain)
The TC74LCX07F/FN/FT is a high-performance CMOS buffer.
Designed for use in 3.3-V systems, it achieves high-speed
operation while maintaining the CMOS low power dissipation.
The TC74LCX07 has high performance MOS N-channel
transistor. (open-drain outputs)
The device is designed for low-voltage (3.3 V) VCC applications,
but it could be used to interface to 5-V supply environment for
inputs.
All inputs are equipped with protection circuits against static
discharge.
Features
· Low-voltage operation: VCC = 2.0 to 3.6 V
· High-speed operation: tpz = 3.7 ns (max) (VCC = 3.0 to 3.6 V)
· Output current: IOL = 24 mA (min) (VCC = 3.0 V)
· Latch-up performance: −500 mA
· Available in JEDEC SOP, JEITA SOP and TSSOP
· Open-drain outputs
· Power-down protection provided on all inputs and outputs
· Pin and function compatible with the 74 series
(74AC/VHC/HC/F/ALS/LS etc.) 07 type
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74LCX07F
TC74LCX07FN
TC74LCX07FT
Weight
SOP14-P-300-1.27: 0.18 g (typ.)
SOL14-P-150-1.27: 0.12 g (typ.)
TSSOP14-P-0044-0.65: 0.06 g (typ.)


Similar Part No. - TC74LCX07FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX07FN TOSHIBA-TC74LCX07FN Datasheet
277Kb / 10P
Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs (open drain)
More results

Similar Description - TC74LCX07FN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCX07 STMICROELECTRONICS-74LCX07 Datasheet
193Kb / 11P
LOW VOLTAGE CMOS HEX BUFFER (OPEN DRAIN) WITH 5V TOLERANT INPUTS
15-Sep-2004
logo
Toshiba Semiconductor
TC74LCX05F TOSHIBA-TC74LCX05F Datasheet
178Kb / 9P
Low-Voltage HEX Inverter with 5-V Tolerant Inputs and Outputs (open-drain)
logo
Fairchild Semiconductor
74LCX760 FAIRCHILD-74LCX760_05 Datasheet
112Kb / 10P
Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Open Drain Outputs
logo
Toshiba Semiconductor
TC74LCX04F TOSHIBA-TC74LCX04F_07 Datasheet
270Kb / 10P
Low-Voltage Hex Inverter with 5-V Tolerant Inputs and Outputs
TC74LCX05F TOSHIBA-TC74LCX05F_07 Datasheet
278Kb / 10P
Low-Voltage HEX Inverter with 5-V Tolerant Inputs and Outputs (open-drain)
TC74LCX07F TOSHIBA-TC74LCX07F_07 Datasheet
277Kb / 10P
Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs (open drain)
logo
STMicroelectronics
74LCX07 STMICROELECTRONICS-74LCX07_06 Datasheet
225Kb / 15P
Low voltage CMOS HEX buffer (open drain) with 5V tolerant inputs
10-Jul-2006
logo
Toshiba Semiconductor
TC74LCX04F TOSHIBA-TC74LCX04F_12 Datasheet
215Kb / 10P
Low-Voltage Hex Inverter with 5-V Tolerant Inputs and Outputs
TC74LCX05F TOSHIBA-TC74LCX05F_12 Datasheet
234Kb / 10P
Low-Voltage HEX Inverter with 5-V Tolerant Inputs and Outputs (open-drain)
TC74LCX07F TOSHIBA-TC74LCX07F_12 Datasheet
233Kb / 10P
Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs (open drain)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com