Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPM9007 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LPM9007
Description  30V/4A P-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPM9007 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LPM9007 Datasheet HTML 1Page - Lowpower Semiconductor inc LPM9007 Datasheet HTML 2Page - Lowpower Semiconductor inc LPM9007 Datasheet HTML 3Page - Lowpower Semiconductor inc LPM9007 Datasheet HTML 4Page - Lowpower Semiconductor inc LPM9007 Datasheet HTML 5Page - Lowpower Semiconductor inc LPM9007 Datasheet HTML 6Page - Lowpower Semiconductor inc LPM9007 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LPM9007-01
May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 7
Preliminary Datasheet
LPM9007
Absolute Maximum Ratings
Parameter
Symbol
Maximum
Units
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain
Current A
TA=25°C
ID
-4.2
A
TA=70°C
-3.5
Pulsed Drain Current B
IDM
-30
Power Dissipation A
TA=25°C
PD
1.4
W
Junction and Storage Temperature Range
TJ, TSTG
-55 to 150
°C
Thermal resistance ratings
Parameter
Symbol
Typ.
Max.
Units
Maximum Junction-to-Ambient
RθJA
125
°C/W
Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ.
Max
Units
STATIC PARAMETERS
BVDSS
Drain-Source Breakdown Voltage
ID=-250μA, VGS=0V
-30
V
IDSS
Zero Gate Voltage Drain Current
VDS=-24V, VGS=0V
TJ=55°C
-1
uA
-5
IGSS
Gate-Body leakage current
VDS=0V, VGS=±12V
±100
nA
VGS(th)
Gate Threshold Voltage
VDS=VGS ID=-250μA
-0.7
-1
-1.3
V
ID(ON)
On state drain current
VGS=-4.5V, VDS=-5V
-25
A
RDS(ON)
Static Drain-Source On-Resistance
VGS=-10V, ID=-4.2A
(TJ=125°C)
42
50
75
VGS=-4.5V, ID=-4A
53
65
VGS=-2.5V, ID=-1A
80
120
gFS
Forward Transconductance
VDS=-5V, ID=-5A
7
11
S
VSD
Diode Forward Voltage
IS=-1A,VGS=0V
-0.75
-1
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com