Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GW-KAFHB3.CM Datasheet(PDF) 2 Page - OSRAM GmbH

Part # GW-KAFHB3.CM
Description  Chip-on-Board
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GW-KAFHB3.CM Datasheet(HTML) 2 Page - OSRAM GmbH

  GW-KAFHB3.CM Datasheet HTML 1Page - OSRAM GmbH GW-KAFHB3.CM Datasheet HTML 2Page - OSRAM GmbH GW-KAFHB3.CM Datasheet HTML 3Page - OSRAM GmbH GW-KAFHB3.CM Datasheet HTML 4Page - OSRAM GmbH GW-KAFHB3.CM Datasheet HTML 5Page - OSRAM GmbH GW-KAFHB3.CM Datasheet HTML 6Page - OSRAM GmbH GW-KAFHB3.CM Datasheet HTML 7Page - OSRAM GmbH GW-KAFHB3.CM Datasheet HTML 8Page - OSRAM GmbH GW-KAFHB3.CM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2018-01-19
2
Version 1.3
GW KAFHB3.CM
Ordering Information
Bestellinformation
Type:
Color
Temperature
Luminous Flux
1) page 17
Ordering Code
Typ:
Farbtemperatur
Lichtstrom
1) Seite 17
Bestellnummer
IF = 300 mA, TJ =
85 °C
[K]
ΦV [lm]
GW KAFHB3.CM-QTQU-27S3
2700
970 ... 1120
Q65111A9582
GW KAFHB3.CM-QURP-35S3
3500
1042 ... 1210
Q65111A9580
GW KAFHB3.CM-RPRQ-40S3
4000
1120 ... 1300
Q65112A3101
Note:
The above Type Numbers represent the order groups which include only a few brightness groups (see page 5). Only one group will
Anm.:
Die oben genannten Typbezeichnungen umfassen die bestellbaren Selektionen. Diese bestehen aus wenigen Helligkeitsgruppen
GW KAFHB3.CM-QURP-30S3
3000
1042
... 1210
Q65112A5625
be shipped on each packing unit (there will be no mixing of two groups on each packing unit). E. g. GW KAFHB3.CM-QURP-30S3
means that only one group QU, RP will be shippable for any packing unit.
(siehe Seite 5). Es wird nur eine einzige Helligkeitsgruppe pro Verpackungseinheit geliefert. Z. B. GW KAFHB3.CM-QURP-30S3
bedeutet, dass in einer Verpackungseinheit nur eine der Helligkeitsgruppen QU, RP enhalten ist.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com