Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP747GF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP747GF
Description  TOSHIBA Photocoupler GaAs Ired & Photo−Thyristor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP747GF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP747GF Datasheet HTML 1Page - Toshiba Semiconductor TLP747GF Datasheet HTML 2Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TLP747GF
2002-09-25
1
TOSHIBA Photocoupler GaAs Ired & Photo
−Thyristor
TLP747GF
Office Machine
Switching Power Supply
The TOSHIBA TLP747GF consists of a photo−thyristor optically coupled
to a gallium arsenide infrared emitting diode in a six lead plastic DIP.
All parameters are tested to the specification of TLP747G.
(both condition and limits)
· Peak off−state voltage: 400V min.
· Trigger LED current: 15mA max.
· On−state current: 150mA max.
· UL recognized: UL1577, file no. E67349
· BSI approved: BS EN60065: 1994
Certificate no. 7364
BS EN60950: 1992
Certificate no. 7365
· SEMKO approved: SS4330784, certificate no. 9325163
no. 9522142
· Isolation voltage: 4000Vrms min.
· Option (D4) type
VDE approved: DIN VDE0884 / 06.92,
Certificate no.74286, 91808
Maximum operating insulation voltage: 890, 1130VPK
Highest permissible over voltage: 6000, 8000VPK
(Note) When a VDE0884 approved type is needed,
please designate the “ Option (D4) ”
· Creepage distance: 8.0mm (min.)
Clearance: 8.0mm (min.)
Internal creepage path: 4.0mm (min.)
Insulation thickness: 0.5mm (min.)
· Conforming safety standards:
DIN 57 804. VDE0804 / 1.83
DIN IEC65 / VDE0860 / 8.81
DIN IEC380 / VDE0806 / 8.81
DIN IEC435 / VDE0805 / draft nov. 84
DIN IEC601T1 / VDE0750T1 / 5.82
BS7002: 1989 (EN60950)
Pin Configuration (top view)
1 : ANODE
2 : CATHODE
3 : NC
4 : CATHODE
5 : ANODE
6 : GATE
5
6
4
2
1
3
Unit in mm
TOSHIBA
11−7A802
Weight: 0.42 g


Similar Part No. - TLP747GF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP747GF TOSHIBA-TLP747GF Datasheet
137Kb / 2P
GaAs Ired & Photo−Thyristor
TLP747GF TOSHIBA-TLP747GF_07 Datasheet
137Kb / 2P
GaAs Ired & Photo−Thyristor
More results

Similar Description - TLP747GF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP747JF TOSHIBA-TLP747JF Datasheet
102Kb / 2P
TOSHIBA Photocoupler GaAs Ired & Photo-Thyristor
25-Sep-2002
TLP741G TOSHIBA-TLP741G Datasheet
507Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Thyristor
25-Sep-2002
TLP747JF TOSHIBA-TLP747JF_07 Datasheet
127Kb / 2P
GaAs Ired & Photo−Thyristor
TLP747GF TOSHIBA-TLP747GF_07 Datasheet
137Kb / 2P
GaAs Ired & Photo−Thyristor
TLP747G TOSHIBA-TLP747G Datasheet
172Kb / 6P
GaAs Ired & Photo−Thyristor
TLP166J TOSHIBA-TLP166J Datasheet
136Kb / 4P
Photocoupler GaAs Ired Photo−Triac
TLP176G TOSHIBA-TLP176G_07 Datasheet
189Kb / 7P
Photocoupler GaAs Ired & Photo−MOSFET
TLP180 TOSHIBA-TLP180_07 Datasheet
166Kb / 8P
Photocoupler GaAs Ired & Photo−Transistor
TLP181 TOSHIBA-TLP181_07 Datasheet
173Kb / 9P
Photocoupler GaAs Ired & Photo−Transistor
TLP548J TOSHIBA-TLP548J_14 Datasheet
273Kb / 6P
TOSHIBA Photocoupler GaAs Ired and Photo-Thyristor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com