Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8848GD Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP8848GD
Description  6A, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8848GD Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP8848GD Datasheet HTML 10Page - Monolithic Power Systems MP8848GD Datasheet HTML 11Page - Monolithic Power Systems MP8848GD Datasheet HTML 12Page - Monolithic Power Systems MP8848GD Datasheet HTML 13Page - Monolithic Power Systems MP8848GD Datasheet HTML 14Page - Monolithic Power Systems MP8848GD Datasheet HTML 15Page - Monolithic Power Systems MP8848GD Datasheet HTML 16Page - Monolithic Power Systems MP8848GD Datasheet HTML 17Page - Monolithic Power Systems MP8848GD Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MP8848 – 6A, HIGHLY EFFICIENT, SYNC, STEP-DOWN SWITCHER WITH I
2C
MP8848 Rev. 1.0
www.MonolithicPower.com
14
2/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
3. Reg02 SysCntlreg1
NAME
BITS
DESCRIPTION
Switching
Frequency
D[7:5]
D[7:5]
Switching Frequency
D[7:5]
Switching Frequency
000
2.2MHz
100
1.25MHz (default)
001
2MHz
101
1.11MHz
010
1.67MHz
110
0.85MHz
011
--
111
--
Transient
Response
D[4:3]
D[4:3]
Response Speed
D[4:3]
Response Speed
00
Ultra-fast
01
Fast (default)
10
Normal
11
Slow
PG_LOHI
D2
A “0” here sets PG to sense only a negative voltage excursion of Vo from the
reference. A “1” (default) sets PG to detect both a positive and negative excursion of
Vo from the reference.
VIN_OVP
D1
A “1” disables the VIN OVP function. The converter continues operating. A “0” (default)
turns off the converter when VIN reaches VIN MAX.
Mode
D0
A “0” enables PFM mode; a high disables PFM mode.
4. Reg03 SysCntlreg2
NAME
BITS
DESCRIPTION
Reserved
D[7:6]
Reserved.
Go
D5
Writing to this bit starts a VOUT transition regardless of its initial value.
Output
Discharge
D4
A “0” disables the output discharge. The output voltage must be discharged by the
load. A high enables the internal pull-down.
Gl_filt
D3
A “0” disables the PG delay.
Slew Rate
D2
D2
Slew Rate
D2
Slew Rate
0
32mV/μs
1
8mV/μs
P3 Enable
D1
A “1” enables the P3 set function. Only a “1” can make the P3 Set bit control the AVIN
voltage.
P3 Set
D0
When the P3 Enable bit = 1, the AVIN voltage is pulled high if P3 Set = 0; otherwise,
the AVIN voltage is pulled low.
5. Reg04 ID1
NAME
BITS
DESCRIPTION
Vendor ID
D[7:4]
Vendor ID.
Die ID
D[3:0]
IC type.
6. Reg05 ID2
NAME
BITS
DESCRIPTION
Reserved
D[7:4]
Reserved.
Die Rev
D[3:0]
Die revision.
Operation Status
CONDITION
PG
REGULATION
LATCH-OFF
STATUS BIT
VIN over-voltage
Low
Off
No
OVP
VIN under-voltage
Low
Off
N/A
UVLO
Thermal warning
Low
On
No
OTW
Thermal shutdown
Low
Off
Yes
N/A
Current limit
High
On
No
ILIM
Output under-voltage
Low
Off
Yes
VoUV
Output over voltage (>110% of target output)
Low
On
No
VoOV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com