Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8867GLE Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8867GLE
Description  High-Efficiency, 8A, 17V, Synchronous Step-Down Converter with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8867GLE Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8867GLE Datasheet HTML 1Page - Monolithic Power Systems MP8867GLE Datasheet HTML 2Page - Monolithic Power Systems MP8867GLE Datasheet HTML 3Page - Monolithic Power Systems MP8867GLE Datasheet HTML 4Page - Monolithic Power Systems MP8867GLE Datasheet HTML 5Page - Monolithic Power Systems MP8867GLE Datasheet HTML 6Page - Monolithic Power Systems MP8867GLE Datasheet HTML 7Page - Monolithic Power Systems MP8867GLE Datasheet HTML 8Page - Monolithic Power Systems MP8867GLE Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
MP8867
High-Efficiency, 8A, 17V, Synchronous
Step-Down Converter with I2C Interface
MP8867 Rev.1.01
www.MonolithicPower.com
1
2/21/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8867 is a high-frequency, synchronous,
rectified, step-down, switch-mode converter
with an I2C control interface. It achieves an 8A
output current with excellent load and line
regulation over a wide input supply range.
The reference voltage level is controlled by the
I2C serial interface with an adjustable reference
voltage ranging from 0.6V to 1.87V in 10mV
steps. The voltage scaling slew rate, the
switching frequency, enable/sync, and power
save mode are all selectable through the I2C
interface.
Current-mode
operation
provides
a
fast
transient response and eases loop stabilization.
EN/SYNC
supports
external
clock
synchronization, and an open-drain power good
indicates when the output voltage is in the
nominal range. Full protection features include
over-voltage protection (OVP), hiccup over-
current
protection
(OCP),
and
thermal
shutdown.
The MP8867 requires a minimal number of
readily
available,
standard,
external
components and is available in a QFN-14
(3x4mm) package.
FEATURES
 Wide 4.5V to 17V Operating Input Range
 1% Internal Reference Accuracy
 I2C
Programmable
Reference
Output
Voltage
 Reference Voltage Range from 0.6V to
1.87V in 10mV Steps with Slew Rate
Control
 I2C Selectable Switching Frequency
 200kHz to 2MHz Synchronized External
Clock
 OTP and OCP Hiccup Indication via I2C
 Selectable PSM and FS through I2C
 Programmable Soft-Start Time
 Open-Drain Power Good Indicator
 Small 3x4mm QFN-14 Package
APPLICATIONS
 FPGA-Based Systems
 ASIC Supplies
 Distributed Power Systems
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS” and “The Future of Analog IC Technology”
are registered trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
30
40
50
60
70
80
90
100
0.01
0.10
1.00
10.00


Similar Part No. - MP8867GLE

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8867GLE MPS-MP8867GLE Datasheet
444Kb / 6P
High Efficiency,8A,17V, Synchronous Step-Down Converter with I2C Interface
More results

Similar Description - MP8867GLE

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8761 MPS-MP8761 Datasheet
880Kb / 24P
High Efficiency, 8A, 18V, Synchronous, Step-Down Converter
MP8846 MPS-MP8846 Datasheet
895Kb / 27P
High-Efficiency, 6A, 8V, Synchronous Step-Down Converter with I2C Interface
MP8865 MPS-MP8865 Datasheet
1Mb / 29P
High-Efficiency, 6A, 21V, Synchronous Step-Down Converter with I2C Interface
MP8868 MPS-MP8868 Datasheet
2Mb / 27P
High-Efficiency, 10A, 17V, Synchronous Step-Down Converter with I2C Interface
MP8869 MPS-MP8869 Datasheet
2Mb / 37P
17V, 12A, High-Efficiency, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
EV8867-LE-00A MPS-EV8867-LE-00A Datasheet
444Kb / 6P
High Efficiency,8A,17V, Synchronous Step-Down Converter with I2C Interface
EV8869W-L-00A MPS-EV8869W-L-00A Datasheet
1Mb / 12P
High Efficiency,12A,17V, Synchronous Step-Down Converter with I2C Interface
MP8770 MPS-MP8770 Datasheet
1Mb / 23P
17V, 8A, 700kHz, High-Efficiency, Synchronous, Step-Down
MP8771 MPS-MP8771 Datasheet
1Mb / 23P
17V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
MP8869W MPS-MP8869W_V01 Datasheet
66Kb / 1P
High-Efficiency, 12A, 18V, Synchronous Step-Down Converter with I2C Interface
Rev.0.8 4/25/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com