Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDA4601 Datasheet(PDF) 2 Page - BeRex Corporation

Part # BDA4601
Description  6bit Digital Step Attenuator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BDA4601 Datasheet(HTML) 2 Page - BeRex Corporation

  BDA4601 Datasheet HTML 1Page - BeRex Corporation BDA4601 Datasheet HTML 2Page - BeRex Corporation BDA4601 Datasheet HTML 3Page - BeRex Corporation BDA4601 Datasheet HTML 4Page - BeRex Corporation BDA4601 Datasheet HTML 5Page - BeRex Corporation BDA4601 Datasheet HTML 6Page - BeRex Corporation BDA4601 Datasheet HTML 7Page - BeRex Corporation BDA4601 Datasheet HTML 8Page - BeRex Corporation BDA4601 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Rev. 0.1
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
6bit Digital Step Attenuator
1MHz– 4GHz
BDA4601
1.
Device performance _ measured on a BeRex Evaluation board Kit at 25°C, 50 Ω system, VDD=+3.3V
2.
All data has PCB insertion loss de-embedded
Table 1. Electrical Specifications
1
Parameter
Condition
Frequency
Min
Typ
Max
Unit
Operational Frequency Range
1
4000
MHz
Insertion Loss
2
Attenuation = 0dB
1MHz - 1GHz
0.8
0.9
dB
> 1 - 2GHz
1.1
1.3
dB
> 2 - 3GHz
1.3
1.6
dB
> 3 - 4GHz
2.3
2.8
dB
Attenuation
Range
0.5dB step
0 - 31.5
dB
Accuracy
Any bit or bit combination
1MHz - 1GHz
±(0.15 + 1% of attenuation state)
dB
> 1 - 2.2GHz
±(0.15 + 2% of attenuation state)
> 2.2 - 3GHz
±(0.15 + 5% of attenuation state)
> 3 - 4GHz
±(0.15 + 8% of attenuation state)
Return loss
Input Return
Loss
Attenuation = 0dB
1 - 2GHz
24
dB
> 2 - 4GHz
16
Output Return
Loss
1 - 2GHz
22
> 2 - 4GHz
15
Relative Phase
Attenuation = 0dB
1GHz
11
degree
2GHz
26
3GHz
30
4GHz
48
Input Linearity
Input 0.1dB
Compression
point
Attenuation = 0dB
2140MHz
34
dBm
Input IP3
Pin= +5dBm/tone
△f = 10KHz
Attn=0.0dB RFin =RF1
1950MHz
52
dBm
Attn=0.0dB RFin =RF2
56
Attn=15.5dB RFin =RF1
57
Attn=15.5dB RFin =RF2
52
Switching time
50% CTRL to 90% or 10% RF
500
800
ns
Supply Current
Normal Mode
150
180
μA
Bypass Mode
50
80
μA
Negative supply Current
-40
-16
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com