Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMT332 Datasheet(PDF) 10 Page - BeRex Corporation

Part # BMT332
Description  700-2400 MHz 2W High Linearity 5V 2-Stage Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BMT332 Datasheet(HTML) 10 Page - BeRex Corporation

Back Button BMT332 Datasheet HTML 6Page - BeRex Corporation BMT332 Datasheet HTML 7Page - BeRex Corporation BMT332 Datasheet HTML 8Page - BeRex Corporation BMT332 Datasheet HTML 9Page - BeRex Corporation BMT332 Datasheet HTML 10Page - BeRex Corporation BMT332 Datasheet HTML 11Page - BeRex Corporation BMT332 Datasheet HTML 12Page - BeRex Corporation BMT332 Datasheet HTML 13Page - BeRex Corporation BMT332 Datasheet HTML 14Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
700-2400 MHz 2W High Linearity 5V 2-Stage Power Amplifier
BMT332
10
Rev. E
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
Application Circuit: 1850 MHz
Schematic Diagram
BOM
Marks
C1
1206
N/A
C2
0603
1nF
C3
0603
1nF
C4
0603
N/A
C5
0603
1nF
C6
0603
3pF
C7
0603
0 Ω
±5%
C8
0603
3.3pF
C9
0603
2.7pF
C10
0603
4.3pF
High Q
C11
0603
3.9pF
C12
0603
1uF
C13
0603
100pF
C14
0603
1nF
C15
1206
10uF
Tantalum
L1
0603
N/A
L2
0603
12nH
L3
1008
12nH
Coil
R1
0603
100 Ω
±5%
R2
0603
270 Ω
±5%
PCB Diagram
Notice
Below information is subject to change
as conditions of the substrate.
1. Pin 16 & 20 is used for Vce of the inner bias
circuit. To eliminate bias line resonance you
need above 10mm transmission line and
adjust the position of C2, C3, C4 ,C5 and C6.
Also you can adjust spectrum regrowth about
bandwidth of signals which you want.
2. C10 : We recommend High-Q capacitor for
better output power performance. In this
document we used ‘4.3pF(251R14S4R3BV4,
EIA 0603) of Johanson Technology.
3.C7 : Non-critical 0 Ω.
Reference
Object
Distance
Input pin
C8
5.0mm
Input pin
C9
3.5mm
Output pin
C10
2.5mm
Pin 16
C3
5.5mm
Pin 16
C6
2.0mm
Pin 19
C5
1.0mm
Pin 20
C2
10.6mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com