Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT83C469 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # VT83C469
Description  PCMCIA Socket Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT83C469 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button VT83C469 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 15Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 16Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 17Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 18Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 19Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
VIA Technologies, Inc.
Preliminary VT83C469
16
I/O Control Register ( Read/Write )
Address : Index ( Base + 07h )
BIT
FUNCTION
D7
I/O Window 1 Wait State.
0: 16-bit system accesses occur with no additional wait state.
1: 16-bit system accesses occur with one additional wait state( 4 BUSCLKs ).
D6
I/O Window 1 zero wait state.
0: 8-bit system I/O access will occur with additional wait state.
1: 8-bit system I/O access will occur with no additional wait state and the NOWS# will be
returned to the system bus.
D5
I/O Window 1 IOCS16# Source.
0: IOCS16# is generated based on the value of the data size bit.
1: IOCS16# is generated based on the IOIS16# signal from PC Card.
D4
I/O Window 1 Data Size.
0: 8-bit I/O data path to PC Card.
1: 16-bit I/O data path to PC Card.
D3
I/O Window 0 Wait State.
0: 16-bit system accesses occur with no additional wait state.
1: 16-bit system accesses occur with one additional wait state( 4 BUSCLKs ).
D2
I/O Window 0 zero wait state.
0: 8-bit system I/O access will occur with additional wait state.
1: 8-bit system I/O access will occur with no additional wait state and the NOWS# will be
returned to the system bus.
D1
I/O Window 0 IOCS16# Source.
0: IOCS16# is generated based on the value of the data size bit.
1: IOCS16# is generated based on the IOIS16# signal from PC Card.
D0
I/O Window 0 Data Size.
0: 8-bit I/O data path to PC Card.
1: 16-bit I/O data path to PC Card.
I/O Address Start Register Low Byte ( Read/Write )
Address : Window 0 Index ( Base + 08h )
Address : Window 1 Index ( Base + 0Ch )
BIT
FUNCTION
D[7:0]
I/O Window Start Address A[7:0]
Low order address bits used to determine the start address of the corresponding I/O address
window. This provides a minimum 1 byte window for I/O address window.
I/O Address Start Register High Byte ( Read/Write )
Address : Window 0 Index ( Base + 09h )
Address : Window 1 Index ( Base + 0Dh )
BIT
FUNCTION
D[7:0]
I/O Window Start Address A[15:8]
High order address bits used to determine the start address of the corresponding I/O address
window.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com