Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP9162A Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP9162A
Description  2A, 6V, 1.5MHz, 17uA IQ, COT, Synchronous, Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9162A Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP9162A Datasheet HTML 6Page - Monolithic Power Systems MP9162A Datasheet HTML 7Page - Monolithic Power Systems MP9162A Datasheet HTML 8Page - Monolithic Power Systems MP9162A Datasheet HTML 9Page - Monolithic Power Systems MP9162A Datasheet HTML 10Page - Monolithic Power Systems MP9162A Datasheet HTML 11Page - Monolithic Power Systems MP9162A Datasheet HTML 12Page - Monolithic Power Systems MP9162A Datasheet HTML 13Page - Monolithic Power Systems MP9162A Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MP9162A – 2A, 6V, 1.5MHz, SYNCHRONOUS, STEP-DOWN CONVERTER
MP9162A Rev. 1.01
www.MonolihicPower.com
11
7/5/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider sets the output
voltage (see the Typical Application on page 1).
The feedback resistor (R1) cannot be too large
or too small, considering the trade-off between
a dynamic circuit and stability in the circuit. Set
R1 to be around 120kΩ to 200kΩ. R2 can then
be calculated with Equation (2):
out
R1
R2
V
1
0.6
(2)
The feedback circuit is shown in Figure 2.
R1
R2
Vout
FB
MP9162A
Figure 2: Feedback Network
Table 1 lists the recommended resistor values
for common output voltages.
Table 1: Resistor Selection for Common Output
Voltages
VOUT (V)
R1 (kΩ)
R2 (kΩ)
1.0
200 (1%)
300 (1%)
1.2
200 (1%)
200 (1%)
1.8
200 (1%)
100 (1%)
2.5
200 (1%)
63.2 (1%)
3.3
200 (1%)
44.2 (1%)
Selecting the Inductor
A 0.68µH-to-2.2µH inductor is recommended
for most applications. For the highest efficiency,
choose an inductor with a DC resistance of less
than 15mΩ. For most designs, the inductance
value can be derived from Equation (3):
OUT
IN
OUT
1
IN
L
OSC
V(V
V
)
L
VI
f

 
(3)
Where ∆IL is the inductor ripple current.
Set the inductor current to be approximately
30% of the maximum load current. The
maximum inductor peak current is calculated in
Equation (4):
2
I
I
I
L
LOAD
)
MAX
(
L
(4)
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous and requires a capacitor to
supply the AC current to the step-down
converter while maintaining the DC input
voltage. For best performance, use low ESR
capacitors. Ceramic capacitors with X5R or
X7R dielectrics are highly recommended
because of their low ESR values and small
temperature coefficients. For most applications,
a 10µF capacitor is sufficient. For a higher
output voltage, a 47µF capacitor may be
needed to improve system stability.
Since the input capacitor absorbs the input
switching current, it requires an adequate ripple
current rating. The RMS current in the input
capacitor can be estimated with Equation (5):
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
(5)
The worse case condition occurs at VIN = 2VOUT,
shown in Equation (6):
2
I
I
LOAD
1
C
(6)
For simplification, choose an input capacitor
with an RMS current rating greater than half of
the maximum load current.
The input capacitor can be electrolytic, tantalum,
or ceramic. When using electrolytic or tantalum
capacitors, use a small, high-quality ceramic
capacitor (i.e.: 0.1μF) placed as close to the IC
as possible. When using ceramic capacitors,
ensure that they have enough capacitance to
provide a sufficient charge to prevent excessive
voltage ripple at the input. The input voltage
ripple caused by capacitance can be estimated
with Equation (7):
LOAD
OUT
OUT
IN
IN
SIN
IV
V
V1
fC1
V
V


 


(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com