Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP9447 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP9447
Description  High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9447 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP9447 Datasheet HTML 1Page - Monolithic Power Systems MP9447 Datasheet HTML 2Page - Monolithic Power Systems MP9447 Datasheet HTML 3Page - Monolithic Power Systems MP9447 Datasheet HTML 4Page - Monolithic Power Systems MP9447 Datasheet HTML 5Page - Monolithic Power Systems MP9447 Datasheet HTML 6Page - Monolithic Power Systems MP9447 Datasheet HTML 7Page - Monolithic Power Systems MP9447 Datasheet HTML 8Page - Monolithic Power Systems MP9447 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
MP9447–HIGH-EFFICIENCY, FAST-TRANSIENT, SYNCHRONOUS, STEP-DOWN CONVERTER
MP9447 Rev. 1.2
www.MonolithicPower.com
4
1/5/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 24V, VEN = 2V, TA = +25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply Current (Shutdown)
IIN
VEN = 0V
10
200
nA
Supply Current (Quiescent)
IIN
VFB = 0.95V
500
600
μA
HS Switch On Resistance
HSRDS-ON
65
75
mΩ
LS Switch On Resistance
(5)
LSRDS-ON
30
mΩ
Switch Leakage
SWLKG
VEN = 0V
VSW = 0V or 36V
10
200
nA
Current Limit
ILIMIT
6
8
A
One-Shot On Time
tON
VIN=12V,
RFREQ=30kΩ
230
280
330
ns
Minimum Off Time
(5)
tOFF
100
ns
Foldback Off Time
(5)
tFB
ILIM=1(HIGH),
VFB>50%VREF
4.8
μs
Foldback Off Time
(5)
tFB
ILIM=1(HIGH),
VFB<50%VREF
16.8
μs
OCP Hold-Off Time
(5)
tOC
ILIM=1(HIGH)
100
μs
Feedback Voltage
VFB
803
815
827
mV
Feedback Current
IFB
VFB = 815mV
10
50
nA
Soft-Start Charging Current
ISS
VSS=0V
6
8.5
11
μA
EN Rising Threshold
ENVth-Hi
1.0
1.25
1.4
V
EN Falling Threshold
ENVth-Lo
0.7
0.86
0.92
V
EN Threshold Hysteresis
ENVth-Hys
390
mV
EN Input Current
IEN
VEN = 2V
1.5
2
μA
VIN Under-Voltage Lockout
Threshold Rising
INUVVth
3.7
4.0
4.3
V
VIN Under-Voltage Lockout
Threshold Hysteresis
INUVHYS
880
mV
VCC Regulator
VCC
ICC=0
4.5
4.85
5.2
V
VCC Load Regulation
ICC=10mA
1
%
Thermal Shutdown
(5)
TSD
165
°C
Thermal Shutdown Hysteresis
(5)
TSD-HYS
25
°C
Note:
5) Derived from bench characterization, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com