Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5757 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SC5757
Description  Silicon NPN Epitaxial VHF/UHF wide band amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5757 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SC5757 Datasheet HTML 1Page - Hitachi Semiconductor 2SC5757 Datasheet HTML 2Page - Hitachi Semiconductor 2SC5757 Datasheet HTML 3Page - Hitachi Semiconductor 2SC5757 Datasheet HTML 4Page - Hitachi Semiconductor 2SC5757 Datasheet HTML 5Page - Hitachi Semiconductor 2SC5757 Datasheet HTML 6Page - Hitachi Semiconductor 2SC5757 Datasheet HTML 7Page - Hitachi Semiconductor 2SC5757 Datasheet HTML 8Page - Hitachi Semiconductor 2SC5757 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2SC5757
Rev.4, Jul. 2001, page 3 of 10
0
50
100
150
200
100
Collector Power Dissipation Curve
10
100
200
0
120
Collector Current
IC (mA)
DC Current Transfer Ratio vs.
Collector Current
25
50
VCE = 1 V
0
0.4
0.6
1
Typical Transfer Characteristics
0
0.5
1
1.5
3.5
Typical Output Characteristics
Ambient Temperature
Ta (
°C)
Collector to Emitter Voltage
VCE (V)
Base to Emitter Voltage
VBE (V)
0.2
0.8
VCE = 1 V
2.5
23
20
40
60
80
100
50
40
30
20
10
500
µA
IB = 50 µA
100 µA
150 µ
A
200 µ
A
250 µ
A
300
µA
350
µA
400
µA
450
µA
10
20
30
40
50



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com