Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP9928 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP9928
Description  4V-60V Input, Current Mode, Synchronous Step-Down Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9928 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP9928 Datasheet HTML 12Page - Monolithic Power Systems MP9928 Datasheet HTML 13Page - Monolithic Power Systems MP9928 Datasheet HTML 14Page - Monolithic Power Systems MP9928 Datasheet HTML 15Page - Monolithic Power Systems MP9928 Datasheet HTML 16Page - Monolithic Power Systems MP9928 Datasheet HTML 17Page - Monolithic Power Systems MP9928 Datasheet HTML 18Page - Monolithic Power Systems MP9928 Datasheet HTML 19Page - Monolithic Power Systems MP9928 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
MP9928—4V TO 60V SYNCHRONOUS STEP-DOWN CONTROLLER
MP9928 Rev. 1.0
www.MonolithicPower.com
16
5/20/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
Overview
The MP9928 is a high-performance, step down,
synchronous DC/DC converter controller IC
with a wide input range. It implements current
mode,
switching
frequency
programmable
control architecture to regulate the output
voltage
with
external
N-channel
MOSFET
switches.
The MP9928 senses the voltage at FB pin. The
difference between the voltage on this pin and
an internal 0.8V reference is amplified to
generate an error voltage on COMP pin which
is used as a threshold for the current sense
comparator with a slope compensation ramp.
Under normal load condition, the controller
operates in full PWM mode. At the beginning of
each oscillator cycle, the top gate driver is
enabled. Top gate turns on for a period
determined by the duty cycle. When the top
gate turns off, the bottom gate turns on after a
dead time and stays on until the beginning of
the next clock cycle.
There is an optional power save mode for light
load or no load conditions, and see details in
the following section.
AAM Mode
MP9928 employs AAM mode functionality to
optimize the efficiency during light-load or no-
load conditions. This AAM mode can be
optional enabled when CCM/AAM pin is at a
low level by connecting an appropriate resistor
to GND to make sure that VAAM is no less than
480mV.
VAAM (mV) = IAAM (
μA) x R
AAM
(kΩ)
Where, IAAM is AAM pin output current, it can be
shown below.
IAAM (
μA) = 600 (mV) / R
FREQ
(kΩ)
RFREQ is the resistor from FREQ to SGND, for
given operating frequency, and its value is
shown in ‘Programmable Switching Frequency’
section.
AAM is disabled when CCM/AAM pin is floating
or connected to VCC1.
If AAM is enabled, the MP9928 will firstly enter
non-synchronous operation as long as the
inductor current approaches zero at light-load. If
the load is further decreased or even no load
that make COMP voltage below the Voltage of
CCM/AAM pin (VAAM)+480mV, the MP9928
enters AAM mode. In AAM mode, the internal
clock is reset every time when VCOMP crosses
over (VAAM+480mV) and the crossover time is
taken as benchmark of the next clock. When
the load increases and the DC value of VCOMP is
higher than (VAAM+480mV), the operation mode
is DCM or CCM which has a constant switching
frequency.
AAM Mode
(AAM=Low)
Inductor
Current
t
t
t
Load
Decreased
PWM Mode
(AAM=High)
Inductor
Current
t
t
t
Load
Decreased
Figure 2: AAM and PWM
Floating Driver and Bootstrap Charging
The floating top gate driver is powered by an
external bootstrap capacitor (CBST), which is
normally
refreshed
when
the
high-side
MOSFET (HS-FET) turns off. This floating
driver has its own UVLO protection. This
UVLO’s
rising
threshold
is
3.05V
with
a
hysteresis of 170mV.
VCC1 Regulator and VCC2 Power Supply
Both high-side and low-side MOSFET drivers
and most of the internal circuitries are powered
from the VCC1 regulator. An internal low
dropout linear regulator supplies VCC1 power
from VIN, usually a 1
μF to 4.7μF ceramic
capacitor is recommended from VCC1 to GND.
If VCC2 pin is left open or connected to a
voltage
<4.45V,
an
internal
5V
regulator
supplies VCC1 power from VIN. If VCC2
is >4.7V, the 5V regulator is disabled and
another 5V regulator is triggered that supplies
VCC1 power from VCC2. If 4.5V<VCC2<5V,
the 5V regulator is in dropout and VCC1 is
approximately equal to VCC2. When VCC2 is
greater than 5V (max. is 12V), VCC1 is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com