Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP28164 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP28164
Description  High-Efficiency, Single-Inductor, Buck-Boost Converter with 4.2A Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28164 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP28164 Datasheet HTML 1Page - Monolithic Power Systems MP28164 Datasheet HTML 2Page - Monolithic Power Systems MP28164 Datasheet HTML 3Page - Monolithic Power Systems MP28164 Datasheet HTML 4Page - Monolithic Power Systems MP28164 Datasheet HTML 5Page - Monolithic Power Systems MP28164 Datasheet HTML 6Page - Monolithic Power Systems MP28164 Datasheet HTML 7Page - Monolithic Power Systems MP28164 Datasheet HTML 8Page - Monolithic Power Systems MP28164 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MP28164 – SINGLE-INDUCTOR, BUCK-BOOST CONVERTER WITH 4.2A SWITCHES
MP28164 Rev. 1.0
www.MonolithicPower.com
2
3/28/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP28164GD
QFN-11 (2mmx3mm)
See Below
* For Tape & Reel, add suffix –Z (e.g. MP28164GD–Z)
TOP MARKING
ANA: Product code of MP28164GD
Y: Year code
WW: Week code
LLL: Lot number
PACKAGE REFERENCE
TOP VIEW
QFN-11 (2mmx3mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com