Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP28164GD Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP28164GD
Description  High-Efficiency, Single-Inductor, Buck-Boost Converter with 4.2A Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28164GD Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP28164GD Datasheet HTML 12Page - Monolithic Power Systems MP28164GD Datasheet HTML 13Page - Monolithic Power Systems MP28164GD Datasheet HTML 14Page - Monolithic Power Systems MP28164GD Datasheet HTML 15Page - Monolithic Power Systems MP28164GD Datasheet HTML 16Page - Monolithic Power Systems MP28164GD Datasheet HTML 17Page - Monolithic Power Systems MP28164GD Datasheet HTML 18Page - Monolithic Power Systems MP28164GD Datasheet HTML 19Page - Monolithic Power Systems MP28164GD Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
MP28164 – SINGLE-INDUCTOR, BUCK-BOOST CONVERTER WITH 4.2A SWITCHES
MP28164 Rev. 1.0
www.MonolithicPower.com
17
3/28/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
A resistor divider from VOUT to FB is necessary
to set the MP28164’s output voltage. The high-
side feedback resistor (R1) can be calculated
with Equation (1):
2
R
)
1
V
V
(
1
R
FB
OUT
(1)
Where R2 is the low-side feedback resistor with a
recommended value from 60kΩ through 360kΩ
to balance the stability and transient response.
Inductor Selection
With one buck-boost topology circuit, the inductor
must support the buck application with the
maximum input voltage and boost application
with the minimum input voltage. Two critical
inductance values can be determined according
to the buck mode and boost mode current ripple,
as shown in Equation (2) and Equation (3):
L
REQ
)
MAX
(
IN
OUT
)
MAX
(
IN
OUT
BUCK
MIN
I
F
V
)
V
V
(
V
L
(2)
L
REQ
OUT
)
MIN
(
IN
OUT
)
MIN
(
IN
BOOST
MIN
I
F
V
)
V
V
(
V
L
(3)
Where FREQ is the switching frequency, and ∆IL is
the peak-to-peak inductor current ripple. The
peak-to-peak ripple can be set to 10%-30% of
the inductor current. The minimum inductor value
for the application must be higher than the
calculated value from both Equation 2 and
Equation 3.
In addition to the inductance value, the inductor
must support the peak current based on Equation
(4) and Equation (5) to avoid saturation:
OUT
IN(MAX)
OUT
PEAK BUCK
OUT
IN(MAX)
REQ
V(V
V )
II
2V
F
L



(4)
IN(MIN)
OUT
IN(MIN)
OUT
OUT
PEAK BOOST
IN(MIN)
OUT
REQ
V(V
V
)
VI
I
V2 V
F
L



(5)
Where η is the estimated efficiency.
Input and Output Capacitor Selection
It is recommended to use ceramic capacitors with
a low ESR as input and output capacitors to filter
any disturbance present in the input and output
line and to achieve stable operation.
Output capacitors with a minimum 10µF input
and 22µF output are required to achieve optimal
behavior from the device. The output capacitor
affects loop stability. The input and output
capacitors must be placed as close as possible
to the device. Refer to the Typical Application
Circuits section for optimized capacitor selection
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com