Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMM6004-SC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CMM6004-SC
Description  0.25 TO 3.0 GHZ HIGH DYNAMIC RANGE AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CMM6004-SC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CMM6004-SC Datasheet HTML 1Page - List of Unclassifed Manufacturers CMM6004-SC Datasheet HTML 2Page - List of Unclassifed Manufacturers CMM6004-SC Datasheet HTML 3Page - List of Unclassifed Manufacturers CMM6004-SC Datasheet HTML 4Page - List of Unclassifed Manufacturers CMM6004-SC Datasheet HTML 5Page - List of Unclassifed Manufacturers CMM6004-SC Datasheet HTML 6Page - List of Unclassifed Manufacturers CMM6004-SC Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
3236 Scott Boulevard
Santa Clara, California 95054
Phone: (408) 986-5060
Fax: (408) 986-5095
CMM6004-SC
Features
❏ 0.25 to 3.0 GHz Frequency Range
❏ 41 dBm Output IP3
❏ 2.1 dB Noise Figure
❏ 14.5 dB Gain
❏ 23.5 dBm P1dB
❏ SOT-89 SMT Package
❏ Single Power Supply
❏ +3V to +5V Voltage Rail
Description
The CMM6004-SC is a high dynamic range amplifier
designed for applications operating within the 0.25 to 3.0 GHz
frequency range. It is an ideal solution for transmit and receive
functions where high linearity is required.
The amplifier has the flexibility of being optimized
for a number of wireless applications. The combination of low
NF and high IP3 at the same bias point make it an ideal trans-
mit or receive solution when used in applications including
cellular and PCS (personal communications service) operating
from 0.8 to 2.2 GHz; MMDS (multichannel multipoint distrib-
ution systems) operating from 2.2 to 2.7 GHz; and WLAN
(wireless LAN) operating at 2.4 GHz.
The CMM6004-SC is packaged in a low-cost, space
efficient, surface mount SOT-89 package which provides
excellent electrical stability and low thermal resistance. All
devices are 100% RF and DC tested.
0.25 to 3.0 GHz
High Dynamic Range
Amplifier
Advanced Product Information
April 2003
(1 of 7)
Functional Block Diagram
Absolute Maximum Ratings
Parameter
Rating
Parameter
Rating
Parameter
Rating
Supply Voltage
+6.0 V
Storage Temperature
-55°C to +125°C
Operating Temperature
-40°C to +85°C
RF Input Power
+10 dBm
Junction Temperature
150°C
Thermal Resistance
89°C/W
Parameter
Condition
Min
Typ
Max
Units
Frequency Range
0.25
3.0
GHz
Gain
Externally matched
13.5
14.5
dB
Input Return Loss
Externally matched
-10
dB
Output IP3
+38
+41
dBm
Noise Figure
1.6
2.1
dB
Output P1dB
23
dBm
Operating Current Range
120
150
180
mA
Supply Voltage
5.0
V
Electrical Characteristics
Unless otherwise specified, the following specifications are guaranteed at room temperature
in a Celeritek test fixture.
Notes:
1. T = 25°C, Vdd = 5.0, Frequency = 800 MHz, 50 Ohm system
2. OIP3 measured with two tones at output power of 5 dBm/tone separated by 10 MHz.
Operation of this device above any of these parameters may cause damage.
Parameter
Typical
Units
Frequency Range
900
1900
2400
MHz
Gain
16.5
14.5
13.6
dB
Input Return Loss
-18
-15
-15
dB
Output Return Loss
-14
-10
-12
dB
Output IP3
+41.5 +41.0
+41.0
dBm
Output P1dB
23.8
23.5
23.0
dBm
Noise Figure
1.8
2.2
2.3
dB
Typical Parameters
Notes:
1. Typical values reflect performance in recommended application circuit.
Input
Ground Output
Bias
Ground
1
2
3
4


Similar Part No. - CMM6004-SC

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM6004-SC MIMIX-CMM6004-SC Datasheet
273Kb / 10P
0.25-3.0 GHz High Dynamic Range Amplifier
CMM6004-SC MIMIX-CMM6004-SC Datasheet
273Kb / 10P
0.3-3.0 GHz High Dynamic Range Amplifier
CMM6004-SC-0G00 MIMIX-CMM6004-SC-0G00 Datasheet
273Kb / 10P
0.25-3.0 GHz High Dynamic Range Amplifier
CMM6004-SC-0G00 MIMIX-CMM6004-SC-0G00 Datasheet
273Kb / 10P
0.3-3.0 GHz High Dynamic Range Amplifier
CMM6004-SC-0G0T MIMIX-CMM6004-SC-0G0T Datasheet
273Kb / 10P
0.25-3.0 GHz High Dynamic Range Amplifier
More results

Similar Description - CMM6004-SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM6004-AH ETC-CMM6004-AH Datasheet
535Kb / 6P
0.25 to 6.0 GHz High Dynamic Range Amplifier
logo
Mimix Broadband
CDQ6004-QS MIMIX-CDQ6004-QS Datasheet
549Kb / 10P
0.05-4.0 GHz Dual High Dynamic Range Amplifier
CMM6001-SC MIMIX-CMM6001-SC Datasheet
111Kb / 5P
60 MHz - 3.0 GHz High Dynamic Range Amplifier
CMM6004-AH MIMIX-CMM6004-AH Datasheet
247Kb / 6P
0.25-6.0 GHz High Dynamic Range Amplifier
CMM6004-SC MIMIX-CMM6004-SC Datasheet
273Kb / 10P
0.25-3.0 GHz High Dynamic Range Amplifier
CMM6001-SC MIMIX-CMM6001-SC_07 Datasheet
112Kb / 5P
0.05-3.0 GHz High Dynamic Range Amplifier
CMM6004-AH MIMIX-CMM6004-AH_08 Datasheet
255Kb / 6P
0.25-6.0 GHz High Dynamic Range Amplifier
CMM6004-SC MIMIX-CMM6004-SC_07 Datasheet
273Kb / 10P
0.3-3.0 GHz High Dynamic Range Amplifier
XB1012-QT MIMIX-XB1012-QT Datasheet
177Kb / 6P
0.25-6 GHz High Dynamic Range Driver Amplifier
XG1001-SA MIMIX-XG1001-SA Datasheet
666Kb / 6P
100.05-4.0 GHz Dual High Dynamic Range Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com