Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP413C Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP413C
Description  Single-Chip CMOS Microcontrollers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP413C Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button COP413C Datasheet HTML 3Page - National Semiconductor (TI) COP413C Datasheet HTML 4Page - National Semiconductor (TI) COP413C Datasheet HTML 5Page - National Semiconductor (TI) COP413C Datasheet HTML 6Page - National Semiconductor (TI) COP413C Datasheet HTML 7Page - National Semiconductor (TI) COP413C Datasheet HTML 8Page - National Semiconductor (TI) COP413C Datasheet HTML 9Page - National Semiconductor (TI) COP413C Datasheet HTML 10Page - National Semiconductor (TI) COP413C Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Functional Description
To ease reading of this description only COP413C is refer-
enced
however
all such references apply equally to
COP413CH COP313C and COP313CH
A block diagram of the COP413C is given in
Figure 1 Data
paths are illustrated in simplified form to depict how the vari-
ous logic elements communicate with each other in imple-
menting the instruction set of the device Positive logic is
used When a bit is set it is a logic ‘‘1’’ when a bit is reset it
is a logic ‘‘0’’
PROGRAM MEMORY
Program memory consists of a 512-byte ROM As can be
seen by an examination of the COP413C instruction set
these words may be program instructions program data or
ROM addressing data Because of the special characteris-
tics associated with the JP JSRP JID and LQID instruc-
tions ROM must often be thought of as being organized into
8 pages of 64 words (bytes) each
ROM ADDRESSING
ROM addressing is accomplished by a 9-bit PC register Its
binary value selects one of the 512 8-bit words contained in
ROM A new address is loaded into the PC register during
each instruction cycle Unless the instruction is a transfer of
control instruction the PC register is loaded with the next
sequential 9-bit binary count value Two levels of subroutine
nesting are implemented by two 9-bit subroutine save regis-
ters SA and SB
ROM instruction words are fetched decoded and executed
by the instruction decode control and skip logic circuitry
DATA MEMORY
Data Memory consists of a 128-bit RAM organized as four
data registers of 8 c 4-bit digits RAM addressing is imple-
mented by a 6-bit B register whose upper two bits (Br) se-
lects one of four data registers and lower three bits of the 4-
bit Bd select one of eight 4-bit digits in the selected data
register While the 4-bit contents of the selected RAM digit
(M) are usually loaded into or from or exchanged with the A
register (accumulator) they may also be loaded into the Q
latches or loaded from the L ports RAM addressing may
also be performed directly by the XAD 3 15 instruction
The most significant bit of Bd is not used to select a RAM
digit Hence each physical digit of RAM may be selected by
two different values of Bd as shown in
Figure 4 The skip
condition for XIS and XDS instructions will be true if Bd
changes between 0 to 15 but
not between 7 and 8 (see
Table III)
INTERNAL LOGIC
The internal logic of the COP413C is designed to ensure
fully static operation of the device
The 4-bit A register (accumulator) is the source and destina-
tion register for most IO arithmetic logic and data memory
access operations It can also be used to load the Bd por-
tion of the B register to load four bits of the 8-bit Q latch
data and to perform data exchanges with the SIO register
The 4-bit adder performs the arithmetic and logic functions
of the COP413C storing its results in A It also outputs the
carry information to a 1-bit carry register most often em-
ployed to indicate arithmetic overflow The C register in
conjunction with the XAS instruction and the EN register
also serves to control the SK output C can be outputted
directly to SK or can enable SK to be a sync clock each
instruction cycle time (See XAS instruction and EN register
description below)
The G register contents are outputs to four general purpose
bidirectional IO ports
The Q register is an internal latched 8-bit register used to
hold data loaded from RAM and A as well as 8-bit data from
ROM Its contents are output to the L IO ports when the L
drivers are enabled under program control (See LEI instruc-
tion)
The eight L drivers when enabled output the contents of
latched Q data to the L IO ports Also the contents of L
may be read directly into A and RAM
Can be directly addressed by
LBI instruction (See Table 3)
TLDD8537 – 4
FIGURE 4 RAM Digit Address to Physical
RAM Digit Mapping
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com