Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2019 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2019
Description  40V, 300mA, Low Quiescent Current Adjustable Output Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2019 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2019 Datasheet HTML 1Page - Monolithic Power Systems MP2019 Datasheet HTML 2Page - Monolithic Power Systems MP2019 Datasheet HTML 3Page - Monolithic Power Systems MP2019 Datasheet HTML 4Page - Monolithic Power Systems MP2019 Datasheet HTML 5Page - Monolithic Power Systems MP2019 Datasheet HTML 6Page - Monolithic Power Systems MP2019 Datasheet HTML 7Page - Monolithic Power Systems MP2019 Datasheet HTML 8Page - Monolithic Power Systems MP2019 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MP2019 - 40V, 300mA, LOW QUIESCENT-CURRENT LINEAR REGULATOR
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MP2019 Rev. 1.01
www.MonolithicPower.com
4
1/10/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = VEN = 13.5V, TJ =+25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Input Voltage
VIN
3
40
V
Output-Voltage Range
VOUT
1.25
15
V
GND Current
IGND
MP2019GN
0<ILOAD<1mA
10
15
µA
1mA<ILOAD<30mA
15
21
30mA<ILOAD<300mA
65
95
MP2019GN-33
0<ILOAD<1mA
12
16
µA
1mA<ILOAD<30mA
16
22
30mA<ILOAD<300mA
65
95
MP2019GN-5
0<ILOAD<1mA
12
16
µA
1mA<ILOAD<30mA
16
22
30mA<ILOAD<300mA
65
95
Shutdown Supply Current
IS
VEN =0V
1
µA
Load Current Limit
ILIMIT
VIN=7V, VOUT = 0V
600
1000
1350
mA
FB Voltage
VFB
MP2019GN, FB = OUT, ILOAD=5mA
1.225
1.25
1.275
V
Output Voltage Accuracy
MP2019GN-33, ILOAD=5mA
3.2
3.3
3.4
V
MP2019GN-5, ILOAD=5mA
4.85
5
5.15
Dropout Voltage
(6)
VDROPOUT
MP2019GN
VOUT=5V,
ILOAD = 150mA
200
400
mV
VOUT=5V,
ILOAD = 300mA
420
550
MP2019GN-33
VOUT=3.3V,
ILOAD = 150mA
230
430
VOUT=3.3V,
ILOAD = 300mA
480
640
MP2019GN-5
VOUT=5V,
ILOAD = 150mA
230
430
VOUT=5V,
ILOAD = 300mA
480
640
FB Input Current
IFB
MP2019GN
VFB = 1.3V
50
nA
Line Regulation
MP2019GN
VIN = 3V to 40V, ILOAD =
5mA, VOUT = VFB
-10
1
10
mV
MP2019GN-33
VIN = 5V to 40V, ILOAD =
5mA, VOUT = 3.3V
-10
1
10
MP2019GN-5
VIN = 6V to 40V, ILOAD =
5mA, VOUT = 6V
-10
1
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com