Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2155GQ Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP2155GQ
Description  High Efficiency Single Inductor Buck-Boost Converter with 2.2A Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2155GQ Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP2155GQ Datasheet HTML 10Page - Monolithic Power Systems MP2155GQ Datasheet HTML 11Page - Monolithic Power Systems MP2155GQ Datasheet HTML 12Page - Monolithic Power Systems MP2155GQ Datasheet HTML 13Page - Monolithic Power Systems MP2155GQ Datasheet HTML 14Page - Monolithic Power Systems MP2155GQ Datasheet HTML 15Page - Monolithic Power Systems MP2155GQ Datasheet HTML 16Page - Monolithic Power Systems MP2155GQ Datasheet HTML 17Page - Monolithic Power Systems MP2155GQ Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
MP2155 –HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2.2A SWITCHES
MP2155 Rev. 1.0
www.MonolithicPower.com
16
1/26/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
3. FB resistor divider should be very close to FB
pin, and keep FB trace far away from noise.
Figure 3 shows an example of PCB layout for
which the reference schematic is shown on
Figure 4.
Cin
Cout
L1
R1
R2
EN
MODE
Top Layer
L1
Bottom Layer
Figure 3—PCB Layout
MP 2155
VIN
5
Vcc
8
VOUT
1
FB
10
MODE / SYNC
7
EN
6
U1
L 1
Cin
Cout
Cout
GND
GND
R2
R1
GND
GND
VIN
GND
VOUT
GND
Figure 4—Reference Circuit for PCB Guide
Design Example
Below is a design example following the
application guidelines for the specifications:
Table 1: Design Example
VIN (V)
2-5.5
VOUT (V)
3.3V
The detailed application schematic is shown in
Figure 5 and its performance can be found in
TPC section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com