Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3429 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP3429
Description  16VOUT, 21A, High-Efficiency, Fully Integrated, Synchronous, Boost Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3429 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP3429 Datasheet HTML 14Page - Monolithic Power Systems MP3429 Datasheet HTML 15Page - Monolithic Power Systems MP3429 Datasheet HTML 16Page - Monolithic Power Systems MP3429 Datasheet HTML 17Page - Monolithic Power Systems MP3429 Datasheet HTML 18Page - Monolithic Power Systems MP3429 Datasheet HTML 19Page - Monolithic Power Systems MP3429 Datasheet HTML 20Page - Monolithic Power Systems MP3429 Datasheet HTML 21Page - Monolithic Power Systems MP3429 Datasheet HTML 22Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
MP3429
– 21A, HIGH-EFFICIENCY, FULLY INTEGRATED, SYNC, BOOST CONVERTER
MP3429 Rev. 1.0
www.MonolithicPower.com
21
6/8/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
VIN
VOUT
22μF
C1A
22nF
C4
0.1μF
C5
4.7μF
C3
750kΩ
R1
93.1kΩ
R2
6.8kΩ
R3
6.8nF
C6
22μF
C2A
30kΩ
R4
NS
R5
22μF
C1B
22μF
C1C
22μF
C2B
22μF
C2C
0.1μF
C2D
2.7~8.4V
9V@3.5A
MP3429
VDD
SS
COMP
FB
VOUT
FTY
MODE
EN
VIN
U1
1.5μH
L1
J1
20kΩ
R7
130kΩ
R6
Figure 5: VIN = 2.7 - 8.4V, VOUT = 9V, IOUT = 3.5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com