Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6003 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP6003
Description  Monolithic Flyback/SEPIC DC-DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6003 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP6003 Datasheet HTML 7Page - Monolithic Power Systems MP6003 Datasheet HTML 8Page - Monolithic Power Systems MP6003 Datasheet HTML 9Page - Monolithic Power Systems MP6003 Datasheet HTML 10Page - Monolithic Power Systems MP6003 Datasheet HTML 11Page - Monolithic Power Systems MP6003 Datasheet HTML 12Page - Monolithic Power Systems MP6003 Datasheet HTML 13Page - Monolithic Power Systems MP6003 Datasheet HTML 14Page - Monolithic Power Systems MP6003 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
MP6003 – MONOLITHIC FLYBACK/SEPIC DC-DC CONVERTER
MP6003 Rev. 1.01
www.MonolithicPower.com
14
1/26/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
Control Design
Generally, some of power supplies require the
galvanic isolation between a relatively high
input voltage and low output voltages. The most
widely used devices to transfer signals across
the isolation boundary are pulse transformers
and optocouplers.
--
+
--
+
S
Tr
D
d
R6
R3
Rb
R4
R1
R2
R5
C1
VREF
VCC
RLOAD
RESR
CO
VO
TL431
VIN
--
+
Figure 7—Simplified Circuit of Isolated
Power Supply with Optocoupler Feedback
The MP6003 uses current mode control to
achieve easy compensation and fast transient
response. A type II compensation network
which has two poles and one zero is needed to
stabilize
the
system.
The
practical
compensation parameters are provided in the
EVQ6003DN datasheet.
Boost Controller Application Design
Example 2
The MP6003 can be used as a boost controller
as shown in Figure 8.
MP6003
GND
COMP
FB
LINE
8
5
6
7
1
4
3
2
SW
RT
VCC
VIN
VIN
R6
63.4k
Ω
R2
200k
Ω
C4
10
μ F
16V
C2
1
μ F
200V
C3
10nF
L1
22
μ F/2.5A
D1
200V/1A
180V
20mA
R5
1.5k
Ω
R4
10k
Ω
R1
60.4
Ω
R3
10k
Ω
C1
10
μ F
25V
Figure 8—High Voltage LED Boost
Controller Circuit
Design Example
This design example shows an flyback topology
for industrial application. It has wide input
voltage rang from 36V to 80V and 5V output.
1
2
3
4
3
1
2
Figure 9—Reference Design Circuit for Flyback Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com