Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6411 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP6411
Description  Windowed Watchdog Timer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6411 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP6411 Datasheet HTML 6Page - Monolithic Power Systems MP6411 Datasheet HTML 7Page - Monolithic Power Systems MP6411 Datasheet HTML 8Page - Monolithic Power Systems MP6411 Datasheet HTML 9Page - Monolithic Power Systems MP6411 Datasheet HTML 10Page - Monolithic Power Systems MP6411 Datasheet HTML 11Page - Monolithic Power Systems MP6411 Datasheet HTML 12Page - Monolithic Power Systems MP6411 Datasheet HTML 13Page - Monolithic Power Systems MP6411 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MP6411―WINDOWED WATCHDOG TIMER
MP6411 Rev. 1.1
www.MonolithicPower.com
13
1/24/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
OPERATION
Supply Voltage
VCC= 5V
10% is recommended for MP6411
normal operation; while VCC= 3.3V
10% is
recommended for MP6411-33 normal operation.
WDO is pulled low when VCC rises to 1V or
above. After VCC rises to 90% (typically), WDO
will remain at a low level for t0 to reset the MCU.
TIMER
Period T (
s):

 

 
TIMER
T s
15.75 R
k
73.5
RTIMER (k):

 

 
TIMER
R
k
0.063 T s
4.67
For example: RTIMER=51kΩ, T0.88ms
Monitor MCU Synchronization Signal
When the watchdog is in a “sync signal
monitoring state,” the following will occur:
 If the watchdog IC receives a WDI_OK
signal from the MCU within t1 (WDI remains
low for 10µs to 5ms), the timer will be reset,
and
the
watchdog
works
in
normal
operation.
 If the watchdog does not receive the
WDI_OK signal from the MCU during t1, it
will generate a reset signal and go into
“sync signal monitor state” again.
Short Window Mode
If the MCU and watchdog are synchronized
correctly and MODE is low, the watchdog will
work in short window mode:
 If WDI_OK is received in a window close
state (t2), the watchdog outputs a reset
signal and goes into a sync signal
monitoring state.
 If WDI_OK is received in a window open
state (t3), the watchdog goes into a window
close state. The MCU works in normal
operation in this situation.
 If no WDI_OK signal is received in t2+t3, the
watchdog outputs a reset signal and goes
into a sync signal monitoring state.
 If MODE is pulled high during short window
mode, the watchdog will go into long
window mode.
Long Window Mode
If the MCU and watchdog are synchronized
correctly and MODE is high, the watchdog will
operate in long window mode, and the following
will occur:
 If WDI_OK is received in a window close
state (t4), the watchdog outputs a reset
signal and goes into a sync signal
monitoring state.
 If WDI_OK is received in a window open
state (t5), the watchdog goes into a window
close state. The MCU works in normal
operation in this situation.
 If no WDI_OK signal is received in t4+t5, the
watchdog outputs a reset signal and goes
into a sync signal monitoring state.
 If MODE is pulled low during a long window
mode, the watchdog will go into a short
window mode.
Watchdog Disable
Pull /WD_DIS low to disable the watchdog; pull
it high to enable the watchdog. /WD_DIS has a
weak internal pull-up, so the watchdog is
enabled if /WD_DIS is left open.
WDI Error
If a WDI signal remains at a low level for longer
than the maximum WDI_OK pulse width, it is
regarded as an error. When this error occurs,
WDO is pulled down until WDI returns to a high
level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com