Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8124GD Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP8124GD
Description  500mA LNB Power Supply and Control Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8124GD Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP8124GD Datasheet HTML 11Page - Monolithic Power Systems MP8124GD Datasheet HTML 12Page - Monolithic Power Systems MP8124GD Datasheet HTML 13Page - Monolithic Power Systems MP8124GD Datasheet HTML 14Page - Monolithic Power Systems MP8124GD Datasheet HTML 15Page - Monolithic Power Systems MP8124GD Datasheet HTML 16Page - Monolithic Power Systems MP8124GD Datasheet HTML 17Page - Monolithic Power Systems MP8124GD Datasheet HTML 18Page - Monolithic Power Systems MP8124GD Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
MP8124 – 500mA, LNB POWER SUPPLY AND CONTROL REGULATOR
MP8124 Rev. 1.0
www.MonolithicPower.com
15
11/11/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
OPERATION
The
MP8124
is
a
single-output
voltage
regulator that provides both a supply voltage
and a control signal from satellite set-top box
modules to the low-noise block (LNB) of the
antenna port.
The
MP8124
uses
an
integrated
boost
converter between 8V and 14V from a single
supply source. It generates the voltage to
enable the linear regulator to work at minimum
dissipated power.
Boost Converter/Linear Regulator
The boost converter is a fixed-frequency, non-
synchronous voltage regulator with peak-
current-mode control. The operating frequency
is 440kHz typically.
To reduce power dissipation, the boost
converter operates in a pulse-skipping mode at
light load. The output voltage of the boost
converter tracks the requested output to allow
the linear regulator to work with minimum drop-
out voltage.
13V/18V Switching
The output voltage can be set to 13V or 18V to
select different polarization directions of the
LNB. A logic high level on 13V/18V sets the
output to 18V; a low level sets it to 13V. Pull
13V/18V up to BYPASS for a default 18V
output during start-up.
LINEDROP Control
To compensate for the excess voltage drop
along the coaxial cable, the MP8124 employs a
voltage compensation function. If LINEDROP is
set at a high level, the output voltage can be
increased by 1V. A low level disables the
function. Pull LINEDROP to BYPASS for a
default 1V compensation.
Output Slew Rate Control
The MP8124 integrates a soft-start function to
reduce the inrush current during start-up. A soft
start is implemented via the external capacitor
(CTCAP) at TCAP. When VOUT = 13V or 18V with
the required output voltage rising time (TRISE),
the value of CTCAP can be estimated using
Equation (1):
CHA
RISE
TCAP
OUT
(13.5 I
T
)
C
V
××
=
(1)
Where ICHA is 6.8μA, typically.
For VOUT = 14V/19V, the rising time is the same
as VOUT = 13V/18V; however, VOUT increases by
1V immediately after the IC is enabled, and it is
then controlled by the TCAP voltage.
The output voltage rising and falling times are
also controlled by the soft-start circuit during the
13V/18V transient.
Current Limit
The output current is limited to about 600mA.
When an overload or a short circuit is detected,
the output current is regulated at the current
limit level for 50ms. If the overload is still
detected after this time period, the output shuts
down for 1.9 seconds before it resumes. If an
overload occurs, the window is registered and
lasts for 30µs. If another overload is detected
within this 30µs window, another 30µs window
begins. This detection mode ensures that OCP
hiccup mode occurs in the event of a high
oscillatory current.
The boost converter integrates a cycle-by-cycle
over-current limit function that supports the part
in a full load.
Boost Over-Voltage Protection (OVP)
The
MP8124
features
an
over-voltage
protection (OVP) circuit on SW. If VBOOST is
disconnected on the board, the boost output
voltage cannot feed back to the boost control
circuit, and the boost output voltage runs away.
A typical 32V OVP circuit on SW shuts down
the MP8124 to prevent damage to the IC once
the over-voltage condition is detected. A
blanking time in the detection circuit is added to
avoid mistriggering OVP by the SW spike
voltage. Once the MP8124 experiences OVP,
the part cannot restart until power is applied at
VIN or the EN input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com