Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8756 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP8756
Description  26V, 6A, Low IQ, High-Current, Synchronous, Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8756 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP8756 Datasheet HTML 6Page - Monolithic Power Systems MP8756 Datasheet HTML 7Page - Monolithic Power Systems MP8756 Datasheet HTML 8Page - Monolithic Power Systems MP8756 Datasheet HTML 9Page - Monolithic Power Systems MP8756 Datasheet HTML 10Page - Monolithic Power Systems MP8756 Datasheet HTML 11Page - Monolithic Power Systems MP8756 Datasheet HTML 12Page - Monolithic Power Systems MP8756 Datasheet HTML 13Page - Monolithic Power Systems MP8756 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
MP8756 – 26V, 6A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8756 Rev. 1.1
www.MonolithicPower.com
10
4/13/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
PIN #
Name
Description
1
VIN
Supply voltage. VIN supplies power for the internal MOSFET and regulator. The MP8756
operates from a 4.5V to 26V input rail. Decouple the input rail with an input capacitor. Use
wide PCB traces and multiple vias to make the connection. Apply at least two layers for
this input trace.
2
PGND
Power ground. Connect using wide PCB traces and multiple vias large enough to handle
the load current.
3
PG
Power good output. The output of PG is an open-drain signal. PG is high if the output
voltage is higher than 95% or lower than 105% of the nominal voltage.
4
NC
Do not connect. NC must be left floating.
5
VOUT
VOUT is used to sense the output voltage of the buck regulator. Connect VOUT to
the output capacitor of the regulator directly. Keep the VOUT sensing trace far away from
the SW node. Vias should also be avoided on the VOUT sensing trace. A trace larger
than 25mil is required.
6
MODE
USM, PFM, PWM selection. Pull MODE higher than 2.6V to operate the MP8756 in
forced PWM mode. Float MODE to operate the MP8756 in PFM mode with ultrasonic
mode (USM) at light load. Connect MODE to ground to operate the MP8756 in PFM mode
without USM.
7
SW
Switch output. Connect SW to the inductor and bootstrap capacitor. SW is driven up to
VIN by the high-side switch during the PWM duty cycle on-time. The inductor current
drives SW negative during the off time. The on resistance of the low-side switch and the
internal diode fixes the negative voltage. Use wide and short PCB traces to make the
connection. Keep the SW pattern area minimized.
8
BST
Bootstrap. A capacitor connected between SW and BST is required to form a floating
supply across the high-side switch driver.
9
VCC
Internal VCC LDO output. The driver and control circuits are powered by VCC. Decouple
with a minimum 1µF ceramic capacitor placed as close to VCC as possible. X7R or X5R
grade dielectric ceramic capacitors are recommended for their stable temperature
characteristics.
10
AGND
Signal logic ground. AGND is the Kelvin connection to PGND.
11
FB
Feedback. FB sets the output voltage when connected to the tap of an external resistor
divider connected between output and GND.
12
EN
Enable. EN is a digital input that turns the regulator on or off. When the power supply of
the control circuit is ready, drive EN high to turn on the regulator. Drive EN low to turn off
the regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com