Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4050BM1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # HCF4050BM1
Description  HEX BUFFER/CONVERTER (NON INVERTING)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4050BM1 Datasheet(HTML) 4 Page - STMicroelectronics

  HCF4050BM1 Datasheet HTML 1Page - STMicroelectronics HCF4050BM1 Datasheet HTML 2Page - STMicroelectronics HCF4050BM1 Datasheet HTML 3Page - STMicroelectronics HCF4050BM1 Datasheet HTML 4Page - STMicroelectronics HCF4050BM1 Datasheet HTML 5Page - STMicroelectronics HCF4050BM1 Datasheet HTML 6Page - STMicroelectronics HCF4050BM1 Datasheet HTML 7Page - STMicroelectronics HCF4050BM1 Datasheet HTML 8Page - STMicroelectronics HCF4050BM1 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HCF4050B
4/9
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25°C, CL = 50pF, RL = 200KΩ,tr =tf =20ns)
(*) Typical temperature coefficient for all VDD value is 0.3 %/°C.
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance)
RL =200KΩ
RT =ZOUT of pulse generator (typically 50Ω)
Symbol
Parameter
Test Condition
Value (*)
Unit
VDD (V) VI (V)
Min.
Typ.
Max.
tTLH
Output Transition Time
5
5
80
160
ns
10
10
40
80
15
15
30
60
tTHL
Output Transition Time
5
5
30
60
ns
10
10
20
40
15
15
15
30
tPLH
Propagation Delay Time
5
5
70
140
ns
10
10
40
80
510
45
90
15
15
30
60
515
40
80
tPHL
Propagation Delay Time
5
5
55
110
ns
10
10
22
55
510
50
100
15
15
15
30
515
50
100



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com