Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9801CCV Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9801CCV
Description  Greyscale/24-Bit Color Linear CCD Sensor Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9801CCV Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button LM9801CCV Datasheet HTML 26Page - National Semiconductor (TI) LM9801CCV Datasheet HTML 27Page - National Semiconductor (TI) LM9801CCV Datasheet HTML 28Page - National Semiconductor (TI) LM9801CCV Datasheet HTML 29Page - National Semiconductor (TI) LM9801CCV Datasheet HTML 30Page - National Semiconductor (TI) LM9801CCV Datasheet HTML 31Page - National Semiconductor (TI) LM9801CCV Datasheet HTML 32Page - National Semiconductor (TI) LM9801CCV Datasheet HTML 33Page - National Semiconductor (TI) LM9801CCV Datasheet HTML 34Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
Applications Information (Continued)
Figure 25 shows a different technique for increasing the TR-
w
1 guardband andor increasing the length of the TR pulse
by stopping the s MCLK during the TR period When TR
initially goes high the first one-shot (U1A) triggers effec-
tively disabling the LM9801’s MCLK for
2 ms thereby
lengthening the TR pulse width by
2 ms over the value
programmed in the configuration register On the falling
edge of TR the second one-shot (U1B) fires disabling the
LM9801’s MCLK for
1 ms and increasing the TR-w1
guardband by that amount
TLH12814 – 52
FIGURE 25 Stretching TR and the TR-w1 Guardband
http
www nationalcom
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com