Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9801CCVF Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9801CCVF
Description  Greyscale/24-Bit Color Linear CCD Sensor Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9801CCVF Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM9801CCVF Datasheet HTML 3Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 4Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 5Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 6Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 7Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 8Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 9Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 10Page - National Semiconductor (TI) LM9801CCVF Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Electrical Characteristics (Continued)
Note 1
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur Operating Ratings indicate conditions for which the device is
functional but do not guarantee specific performance limits For guaranteed specifications and test conditions see the Electrical Characteristics The guaranteed
specifications apply only for the test conditions listed Some performance characteristics may degrade when the device is not operated under the listed lest
conditions
Note 2
All voltages are measured with respect to GND e AGND e DGND e DGND(IO) e 0V unless otherwise specified
Note 3
When the input voltage (VIN) at any pin exceeds the power supplies (VIN k GND or VIN l VA or VD) the current at that pin should be limited to 25 mA The
50 mA maximum package input current rating limits the number of pins that can simultaneously safely exceed the power supplies with an input current of 25 mA to
two
Note 4
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax iJA and the ambient temperature TA The maximum
allowable power dissipation at any temperature is PD e (TJmax–TA) iJA TJmax e 150 C for this device The typical thermal resistance (iJA) of this part when
board mounted is 52 CW for the V52A PLCC package and 70 CW for the VEG52A TQFP package
Note 5
Human body model 100 pF capacitor discharged through a 15 kX resistor
Note 6
See AN450 ‘‘Surface Mounting Methods and Their Effect on Product Reliability’’ or the section titled ‘‘Surface Mount’’ found in any National Semiconductor
Linear Data Book for other methods of soldering surface mount devices
Note 7
A Zener diode clamps the OS analog input to AGND as shown below This input protection in combination with the external clamp capacitor and the output
impedance of the CCD prevents damage to the LM9801 from transients during power-up
TLH12814 – 4
Note 8
To guarantee accuracy it is required that VA and VD be connected together to the same power supply with separate bypass capacitors at each supply pin
Note 9
Typicals are at TJ e TA e 25 C fMCLK e 20 MHz and represent most likely parametric norm
Note 10
Tested limits are guaranteed to National’s AOQL (Average Outgoing Quality Level)
Note 11
For CCDs VBLACK is defined as the CCD OS voltage for the reference period following the reset feedthrough pulse VWHITE is defined as the peak CCD
pixel output voltage for a white (full scale) image with respect to the reference level VBLACK -VRFT is defined as the peak positive deviation above VBLACK of the
reset feedthrough pulse For CIS VWHITE is defined as the peak CCD pixel output voltage for a white (full scale) image with respect to GND (0V) The maximum
correctable range of pixel-to-pixel VWHITE variation is defined as the maximum variation in VWHITE (due to PRNU light source intensity variation optics etc) that
the LM9801 can correct for using its internal PGA
CCD Output Signal
TLH12814 – 5
CIS Output Signal
TLH12814 – 6
Note 12
Integral linearity error is defined as the deviation of the analog value expressed in LSBs from the straight line that best fits the actual transfer function of
the ADC
Note 13
Reference voltages below 119V may decrease SNR Reference voltages above 126V may cause clipping errors inside the LM9801 The
LM4041EIM3-12 (SOT-23 package) or the LM4041EIZ-12 (TO-92 package) bandgap voltage references are recommended for this application
Note 14
PGA Gain Error is the maximum difference between the measured gain for any PGA code and the ideal gain calculated by using the formula
GainPGA
VVJ e1aCPGAcode
256
where C e (PGA RANGE b1)
256
255
and PGA RANGE e the PGA adjustment range (in VV) of the LM9801 under test
Note 15
VGA Gain Error is the maximum difference between the measured gain for any VGA code and the ideal gain calculated by using the formula
GainVGA(dB) e C
VGA code
16
where C e (VGA RANGE)
16
15
and VGA RANGE e the VGA adjustment range (in dB) of the LM9801 under test
Typical Performance Characteristics
w1 w2 RS and TR Rise and Fall
Times Through a Series Resistance
vs Load Capacitance
TLH12814 – 8
http
www nationalcom
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com