Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2846IG Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2846IG
Description  3.3V Software-Selectable Multiprotocol Transceiver with Termination
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2846IG Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2846IG Datasheet HTML 16Page - Linear Technology LTC2846IG Datasheet HTML 17Page - Linear Technology LTC2846IG Datasheet HTML 18Page - Linear Technology LTC2846IG Datasheet HTML 19Page - Linear Technology LTC2846IG Datasheet HTML 20Page - Linear Technology LTC2846IG Datasheet HTML 21Page - Linear Technology LTC2846IG Datasheet HTML 22Page - Linear Technology LTC2846IG Datasheet HTML 23Page - Linear Technology LTC2846IG Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
LTC2846
sn2846 2846fs
Figure 33. Controller-Selectable Multiprotocol DTE/DCE Port with DB-25 Connector
TYPICAL APPLICATIO S
D2
D1
LTC2844
D3
R2
R1
R4
R3
LTC2846
M0
M1
M2
DCE/DTE
VCC
VDD
VCC
VEE
GND
2846 F33
C2
1
µF
R1
13k
C1
1
µF
C6
10
µF
C3
1
µF
C4
3.3
µF
D4
VCC
5V
SHDN
VIN
3.3V
CHARGE
PUMP
BOOST
SWITCHING
REGULATOR
L1
5.6
µH
33
7
35
4
36
D1
MBR0520
3
5
6
8
9
10
11
12
13
14
15
16
18
19
1
2
3
4
5
6
7
8
10
9
DCE/DTE
VIN
15
VIN
3.3V
16
17
18
19
20
21
22
23
24
25
32
31
30
29
28
27
26
25
24
23
22
21
20
26
27
28
C5
10
µF
C9
1
µF
C7
1
µF
C8
1
µF
M0
M1
M2
DCE/DTE
M0
M1
M2
11
12
13
14
D1
D2
D3
R1
R2
R3
T
T
T
T
T
C10
1
µF
R2
4.3k
VCC
5V
DTE_TXD/DCE_RXD
DTE_SCTE/DCE_RXC
DTE_TXC/DCE_TXC
DTE_RXC/DCE_SCTE
DTE_RXD/DCE_TXD
DTE_RTS/DCE_CTS
DTE_DTR/DCE_DSR
DTE_DCD/DCE_DCD
DTE_DSR/DCE_DTR
DTE_CTS/DCE_RTS
DTE_LL/DCE_LL
2
14
24
11
15
12
17
9
3
1
4
19
20
8
23
10
6
22
5
13
18
7
16
SCTE B
RTS A
RTS B
DTR A
DTR B
CTS A
CTS B
DSR A
DSR B
CTS A
CTS B
LL A
SG
SHIELD
DB-25
CONNECTOR
DCD A
DCD B
DSR A
DSR B
RTS A
RTS B
LL A
DCD A
DCD B
DTR A
DTR B
TXD A
TXD B
TXC A
RXC A
RXD A
TXC B
RXC B
RXD B
TXC A
SCTE A
TXD A
TXC B
SCTE B
TXD B
SCTE A
RXC B
RXD A
DTE
DCE
RXD B
RXC A
17 VIN
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com