Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAN-2 Datasheet(PDF) 2 Page - PAIRUI GROUP INC.

Part # DAN-2
Description  DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DAN-2 Datasheet(HTML) 2 Page - PAIRUI GROUP INC.

  DAN-2 Datasheet HTML 1Page - PAIRUI GROUP INC. DAN-2 Datasheet HTML 2Page - PAIRUI GROUP INC. DAN-2 Datasheet HTML 3Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.pairuigroup.com
Page:
2/3
Date: 07/20/2015
* Subject to change without prior notice
DC-DC Converter
DIP-Package
DAN-2 SERIES, 2WATT, 1.5KVDC, ISOLATED, REGULATED
ELECTRICAL
Temperature coefficient
Rated load
±0.03%/℃
Operating temperature range
---
-40
℃ to +85℃
Storage temperature range
---
-55
℃ to +125℃
Short circuit protection
---
1S
MTBF
---
3500KHrs
Weight
---
2.8g
Notes: All the parameters are measured at 25
℃ ambient temperature, humidity < 75%, nominal input voltage,
full load and after warm-up, unless otherwise specified.
MECHANICAL
CONNECTION
PIN #
SINGLE
1
GND
7
NC
8
No Pin
9
+Vo
10
No Pin
11
0V
14
+Vin
Note:
* Unit is mm(inch).
ELECTRICAL CURVE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com