Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAN-2F Datasheet(PDF) 3 Page - PAIRUI GROUP INC.

Part # DAN-2F
Description  DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DAN-2F Datasheet(HTML) 3 Page - PAIRUI GROUP INC.

  DAN-2F Datasheet HTML 1Page - PAIRUI GROUP INC. DAN-2F Datasheet HTML 2Page - PAIRUI GROUP INC. DAN-2F Datasheet HTML 3Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.pairuigroup.com
Page:
3/3
Date: 11/07/2015
* Subject to change without prior notice
DC-DC Converter
DIP-Package
DAN-2F SERIES, 2WATT, 3KVDC, ISOLATED, REGULATED
NOTE
RECOMMENDED TEST AND APPLICATION CIRCUIT
CAPACITOR SELECTION
INPUT VOLTAGE
C1
OUTPUT VOLTAGE
C2
5VDC
4.7μF
5VDC
4.7μF
12VDC
2.2μF
9VDC
4.7μF
15VDC
1.0μF
12VDC
2.2μF
24VDC
0.47μF
15VDC
1.0μF
--
--
24VDC
0.47μF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com