Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPM3682 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MPM3682
Description  18V 10A Step-Down Power Module in 12x12x4mm QFN
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3682 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MPM3682 Datasheet HTML 8Page - Monolithic Power Systems MPM3682 Datasheet HTML 9Page - Monolithic Power Systems MPM3682 Datasheet HTML 10Page - Monolithic Power Systems MPM3682 Datasheet HTML 11Page - Monolithic Power Systems MPM3682 Datasheet HTML 12Page - Monolithic Power Systems MPM3682 Datasheet HTML 13Page - Monolithic Power Systems MPM3682 Datasheet HTML 14Page - Monolithic Power Systems MPM3682 Datasheet HTML 15Page - Monolithic Power Systems MPM3682 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
MPM3682
– 18V 10A STEP-DOWN POWER MODULE
MPM3682 Rev. 1.02
www.MonolithicPower.com
12
7/11/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Light-Load Operation
As the load decreases, the inductor current
decreases
too.
When
the
inductor
current
touches zero, the operation is transited from
continuous-conduction-mode
(CCM)
to
discontinuous-conduction-mode (DCM).
Figure 3 shows the light load operation. When
VFB drops below VREF, HS-FET turns on for a
fixed interval determined by the one- shot on-
timer as per equation 1. When the HS-FET turns
off, the LS-FET turns on until the inductor current
reaches zero. In DCM operation, the VFB does
not reach VREF when the inductor current is
approaching zero. The LS-FET driver turns into
tri-state (high Z) whenever the inductor current
reaches zero. A current modulator takes over the
control of LS-FET and limits the inductor current
less than -1mA. Hence, the output capacitors
discharge slowly to GND through LS-FET. As a
result, this mode improves the efficiency greatly
at light load condition. At this condition, the HS-
FET does not turns ON as frequently as at heavy
load condition. This is called pulse skip mode.
At light load or no load condition, the output
drops very slowly and the MPM3682 reduces the
switching frequency naturally and then achieves
high efficiency at light load.
Figure 3
—Light Load Operation
As the output current increases from the light
load condition, the current modulator regulates
the operating period that becomes shorter. The
HS-FET turns ON more frequently. Hence, the
switching frequency increases correspondingly.
The output current reaches the critical level when
the current modulator time decreases to zero.
The
critical
output
current
level
can
be
determined as follows:
IN
OUT
OUT
OUT
SW
IN
(V
V
) V
I
2 L F
V

 
(2)
Where FSW is the switching frequency.
The IC turns into PWM mode once the output
current exceeds the critical level. After that, the
switching frequency stays fairly constant over the
output current range.
Switching Frequency
Selecting
the
switching
frequency
requires
trading off between efficiency and component
size.
Low
frequency
operation
increases
efficiency by reducing MOSFET switching losses,
but requires larger inductor and capacitor values
to minimize the output voltage ripple.
The MPM3682 uses adaptive constant-on-time
(COT) control to generate a fairly constant
frequency at CCM condition, though the IC lacks
a dedicated oscillator. The ON time of HSFET
can be set by connecting a resistor between IN
pin and FREQ pin. It’s input voltage adaptive. So
for
a
fixed
output
voltage,
the
switching
frequency stays fairly constant. The switching
frequency can be set internally and externally.
Figure 4 shows that the switching frequency is
determined by the internal 430K resistor. The
430K resistor is connected to IN pin so that the
input voltage is feed-forwarded to the one-shot
ON-time timer. When operating in steady state at
CCM, the duty ratio stays at VOUT/VIN, so the
switching frequency is fairly constant over the
input voltage range. The switching frequency can
be determined by equation 3:
430K
402
MPM3682
IN
FREQ>
>FREQ
ON
Timer
Figure 4
6
SW
IN
DELAY
IN
OUT
10
F (kHz)
V (V)
6.1 430(k )
T
(ns)
V (V) 0.4
V
(V)


(3)
Where TDELAY is the comparator delay of about
5ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com