Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC-8200 Datasheet(PDF) 4 Page - Lightel Technologies INC.

Part # VC-8200
Description  The one comprehensive tool for field inspection, analysis and cleaning.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTEL [Lightel Technologies INC.]
Direct Link  http://lightel.com/
Logo LIGHTEL - Lightel Technologies INC.

VC-8200 Datasheet(HTML) 4 Page - Lightel Technologies INC.

  VC-8200 Datasheet HTML 1Page - Lightel Technologies INC. VC-8200 Datasheet HTML 2Page - Lightel Technologies INC. VC-8200 Datasheet HTML 3Page - Lightel Technologies INC. VC-8200 Datasheet HTML 4Page - Lightel Technologies INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPECIFICATIONS
ViewConn
Field of View
~464μm x 338μm
Resolution
0.5 μm detectable
Optical Sensor
CMOS
Light Source
Blue LED
LCD Display
5” LCD color touchscreen
Power Supply
Li-Ion internally rechargeable battery or
12V DC adapter
Adjustable automatic power saving
Low battery indicator
Battery Life
≥3 hours (continuous)
Electrical Ports
DC adapter plug port
1 USB2.0 port
Dimensions (including ruggedized cover)
186mm (H) x 218mm (W) x 44mm (D)
Weight (including battery and ruggedized cover)
1.4kg
Storage
8GB SSD
Memory
1GB
Processor
Atom Z530
Internet Connection
Wi-Fi
Probe
Field of View
~660μm x 495μm
Resolution
0.5 μm detectable
Optical Sensor
CMOS
Light Source
Blue LED
Power Supply
USB2.0 connection with ViewConn
Output
USB2.0 plug
Dimensions
35mm ø x 175mm (without cap)
Software (pre-loaded)
Operating System
Windows XP®
ConnectorViewTM Plus
Pass/Fail Analysis
Full screen, touchscreen operation
Analysis Time
~4 seconds (average)
Auto-center Function
For wide-view probe
ViewConn Pro touchscreen device
ConnectorView Plus (TS) Pass/Fail software
ViewConn 2.5mm PC universal tip
ViewConn 1.25mm PC universal tip
Ruggedized cover
Neck strap
Carrying case
DI-1000L wide-view digital probe
2 CC-1 cleaner modules
Probe tips for FC, SC, and LC PC connectors
Tip box
Li-ion battery with AC battery charger/adapter
Wrist strap
User’s manual
ViewConn® ProVC-8200
The ViewConn Pro Package includes:
2210 Lind Ave SW, Suite 100
Renton, WA 98057 USA
(425) 277-8000 Tel
(425) 277-5280 Fax
www.lightel.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com