Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCG-H9RN Datasheet(PDF) 13 Page - OSRAM GmbH

Part # LCG-H9RN
Description  SMD epoxy package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCG-H9RN Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button LCG-H9RN Datasheet HTML 9Page - OSRAM GmbH LCG-H9RN Datasheet HTML 10Page - OSRAM GmbH LCG-H9RN Datasheet HTML 11Page - OSRAM GmbH LCG-H9RN Datasheet HTML 12Page - OSRAM GmbH LCG-H9RN Datasheet HTML 13Page - OSRAM GmbH LCG-H9RN Datasheet HTML 14Page - OSRAM GmbH LCG-H9RN Datasheet HTML 15Page - OSRAM GmbH LCG-H9RN Datasheet HTML 16Page - OSRAM GmbH LCG-H9RN Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Version 1.1
LCG H9RN
2013-04-12
13
Chromaticity Coordinate Shift 5) page 24
Farbortverschiebung 5) Seite 24
Cx, Cy = f(Tj); IF = 700 mA
within = 500 ... 600 nm
Chromaticity Coordinate Shift 5) page 24
Farbortverschiebung 5) Seite24
Cx, Cy = f(Tj); IF = 700 mA
full spectral range
-40
-20
0
20
40
60
80
100 120
Tj [°C]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
ΔCx; ΔCy
: Cx
: Cy
21TDC-40120
-40 -20
0
20 40 60 80 100 120
Tj [°C]
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
ΔCx
ΔCy
:
Δ Cx
:
Δ Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com