Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE-A-H3W Datasheet(PDF) 13 Page - OSRAM GmbH

Part # LE-A-H3W
Description  compact lightsource in multi chip on board technology with glass window on top
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LE-A-H3W Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button LE-A-H3W Datasheet HTML 9Page - OSRAM GmbH LE-A-H3W Datasheet HTML 10Page - OSRAM GmbH LE-A-H3W Datasheet HTML 11Page - OSRAM GmbH LE-A-H3W Datasheet HTML 12Page - OSRAM GmbH LE-A-H3W Datasheet HTML 13Page - OSRAM GmbH LE-A-H3W Datasheet HTML 14Page - OSRAM GmbH LE-A-H3W Datasheet HTML 15Page - OSRAM GmbH LE-A-H3W Datasheet HTML 16Page - OSRAM GmbH LE-A-H3W Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
LE A H3W, LE T H3W, LE B H3W
2010-03-03
13
Transient Thermal resistance
Zth*(frequency,DC) for 6Chips operated
6 Chips operated;
I
F = f (T
S)
Zulässige Impulsbelastbarkeit I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle D = parameter
,
T
board = 55 °C
6 chips operated simultaneously in series
Zulässige Impulsbelastbarkeit I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle D = parameter, T
board = 85 °C
6 chips operated simultaneously in series
0
0
th
Z
OHL03895
Duty Cycle
K/W
240 Hz
2880 Hz
360 Hz
*
0.1 0.2 0.3 0.4 0.5 0.6 0.7
0.5
1.0
1.5
2.0
2.5
0
0.5
max
I
OHL03891
Duty Cycle
A
0.2
0.4
0.6
0.8
1
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
2.0
240 Hz
360 Hz
2880 Hz
T
T
Δ
= 125 ˚C
T = 70 K
j
= 55 ˚C
Board
max
I
0
0.5
max
I
OHL03892
Duty Cycle
A
0.2
0.4
0.6
0.8
1
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
2.0
T
T
Δ
= 125 ˚C
T = 40 K
j
= 85 ˚C
Board
max
I
240 Hz
360 Hz
2880 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com