Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPF-B35 Datasheet(PDF) 1 Page - Mini-Circuits

Part # LPF-B35
Description  Low Pass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LPF-B35 Datasheet(HTML) 1 Page - Mini-Circuits

  LPF-B35 Datasheet HTML 1Page - Mini-Circuits LPF-B35 Datasheet HTML 2Page - Mini-Circuits LPF-B35 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 3
The Big Deal
• Good passband Insertion loss, 0.85 dB typical
• High rejection, 40 dB from 48-2000 MHz
• Fast roll-off
• Miniature shielded package
Product Overview
The LPF-B35+ is a lowpass filter in a shielded package (size of 0.472" x 0.826" x .22") fabricated using SMT technol-
ogy. Covering DC-50 MHz band width, these units offer good matching within the passband and high rejection. This
unit uses a miniature high Q capacitors and wire welded inductors for high reliability. In addition it has repeatable
performance across production lots and consistent performance across temperature.
Feature
Advantages
Low frequency and good passband
Insertion loss, 0.85 dB typical
Low insertion loss will be used in designs optimized for high performance applications.
Fast roll-off
Fast roll-off, this will attenuate frequencies closer to the passband with good rejection value of 72 dB.
Good ultimate rejection
This enables the filters to attenuate spurious signals and reject harmonics for broadband frequency.
Key Features
LPF-B35+
50Ω
DC to 35 MHz
CASE STYLE: HZ1198
Low Pass Filter
Surface Mount


Similar Part No. - LPF-B35

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LPF-B375 MINI-LPF-B375 Datasheet
373Kb / 3P
Low Pass Filter
LPF-B375+ MINI-LPF-B375+ Datasheet
373Kb / 3P
Low Pass Filter
More results

Similar Description - LPF-B35

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
Low Pass Filter
LFCV-45+ MINI-LFCV-45+ Datasheet
170Kb / 1P
Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
LOW PASS filter
logo
Mini-Circuits
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
Low Pass Filter
BLP-21.4 MINI-BLP-21.4 Datasheet
193Kb / 1P
Low Pass Filter
BLP-21.4-75 MINI-BLP-21.4-75 Datasheet
195Kb / 1P
Low Pass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com