Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPF-B375 Datasheet(PDF) 2 Page - Mini-Circuits

Part # LPF-B375
Description  Low Pass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LPF-B375 Datasheet(HTML) 2 Page - Mini-Circuits

  LPF-B375 Datasheet HTML 1Page - Mini-Circuits LPF-B375 Datasheet HTML 2Page - Mini-Circuits LPF-B375 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 3
Surface Mount
LPF-B375+
Applications
• Defence communications
• Transmitters / receivers
• Harmonic rejection
Electrical Specifications at 25°C
CASE STYLE: HZ1198
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power Input
1 W max.
Permanent damage may occur if any of these limits are exceeded.
Features
• High rejection, 36 dB typical
• Sharp insertion loss roll-off
• Miniature shielded case
• Aqueous washable
Typical Frequency Response
Functional Schematic
Typical Performance Data at 25°C
50Ω
DC to 375 MHz
Low Pass Filter
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Pass Band
Insertion Loss
DC-F1
DC-375
—
1
2
dB
Freq. Cut-Off
F2
395
—
3
—
dB
VSWR
DC-F1
DC-375
—
1.3
1.6
:1
Stop Band
Rejection Loss
F3-F4
440-4500
20
34
—
dB
VSWR
F3-F4
440-4500
—
23
—
:1
F1 F2
FREQUENCY (MHz)
F3
F4
DC
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
Frequency
(MHz)
Group Delay
(nsec)
1
0.02
1.01
1
2.19
5
0.04
1.01
5
2.23
50
0.11
1.04
10
2.18
160
0.26
1.19
50
2.20
250
0.34
1.12
75
2.22
300
0.43
1.11
100
2.28
350
0.63
1.02
150
2.39
375
0.98
1.28
200
2.61
394
1.89
1.62
225
2.79
400
3.50
2.81
250
3.03
405
6.14
5.10
275
3.35
412
11.42
10.50
300
3.78
425
22.72
19.54
310
4.00
440
36.24
25.19
320
4.26
650
53.46
59.91
330
4.59
1000
67.13
82.73
340
5.04
2000
62.97
64.35
350
5.62
3000
47.46
51.10
360
6.36
4000
42.88
40.41
370
7.32
4500
37.74
40.41
375
8.00
REV. A
M160153
BPF-B375+
EDR-10269AU
URJ/NY
161230
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com