Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPF-B500 Datasheet(PDF) 2 Page - Mini-Circuits

Part # LPF-B500
Description  Low Pass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LPF-B500 Datasheet(HTML) 2 Page - Mini-Circuits

  LPF-B500 Datasheet HTML 1Page - Mini-Circuits LPF-B500 Datasheet HTML 2Page - Mini-Circuits LPF-B500 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Surface Mount
LPF-B500+
Applications
• Defence communications
• Transmitters / receivers
• Harmonic rejection
Electrical Specifications at 25°C
CASE STYLE: HZ1198
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power Input
1.25 W max.
Permanent damage may occur if any of these limits are exceeded.
Features
• High rejection, 31 dB typical
• Sharp insertion loss roll-off
• Miniature shielded case
• Aqueous washable
Typical Frequency Response
Functional Schematic
Typical Performance Data at 25°C
50Ω
DC to 500 MHz
Low Pass Filter
LPF-B500+
INSERTION LOSS (Full band)
0
20
40
60
80
0
500 1000 1500 2000 2500 3000 3500 4000 4500
FREQUENCY (MHz)
0.0
0.4
0.8
1.2
0
100 200 300 400 500
LPF-B500+
VSWR
1
10
100
0
500 1000 1500 2000 2500 3000 3500 4000 4500
FREQUENCY (MHz)
1.0
1.1
1.2
1.3
0
100 200 300 400 500
LPF-B500+
INSERTION LOSS (Passband)
0
20
40
60
0
250
500
750
1000
FREQUENCY (MHz)
LPF-B500+
GROUP DELAY
2
3
4
5
6
7
8
0
100
200
300
400
500
FREQUENCY (MHz)
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Pass Band
Insertion Loss
DC-F1
DC-500
—
1.2
2
dB
Freq. Cut-Off
F2
515
—
3
—
dB
VSWR
DC-F1
DC-500
—
1.3
1.7
:1
Stop Band
Rejection Loss
F3-F4
585-4500
20
31
—
dB
VSWR
F3-F4
585-4500
—
24
—
:1
F1 F2
FREQUENCY (MHz)
F3
F4
DC
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
Frequency
(MHz)
Group Delay
(nsec)
1
0.03
1.01
1
2.52
5
0.04
1.01
5
2.19
50
0.11
1.02
10
2.10
150
0.21
1.08
50
2.04
250
0.32
1.15
150
2.13
400
0.54
1.17
200
2.22
500
1.22
1.31
250
2.35
515
2.40
2.21
275
2.46
530
7.00
6.49
300
2.56
550
16.46
16.72
325
2.72
570
25.75
23.18
350
2.88
585
32.17
26.33
375
3.09
750
47.41
45.72
400
3.37
1000
53.88
57.91
410
3.52
1500
72.66
57.91
430
3.91
2000
63.00
59.91
450
4.42
2500
53.46
62.05
470
5.15
3000
47.81
52.65
480
5.68
4000
41.29
36.97
490
6.47
4500
34.78
32.18
500
7.75
REV. A
M151121
BPF-B500+
EDR-10270AU
URJ
170210
Page 2 of 3
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com