Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE-CW-E2A Datasheet(PDF) 13 Page - OSRAM GmbH

Part # LE-CW-E2A
Description  OSTAR짰 - Lighting
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LE-CW-E2A Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button LE-CW-E2A Datasheet HTML 9Page - OSRAM GmbH LE-CW-E2A Datasheet HTML 10Page - OSRAM GmbH LE-CW-E2A Datasheet HTML 11Page - OSRAM GmbH LE-CW-E2A Datasheet HTML 12Page - OSRAM GmbH LE-CW-E2A Datasheet HTML 13Page - OSRAM GmbH LE-CW-E2A Datasheet HTML 14Page - OSRAM GmbH LE-CW-E2A Datasheet HTML 15Page - OSRAM GmbH LE-CW-E2A Datasheet HTML 16Page - OSRAM GmbH LE-CW-E2A Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Preliminary
LE CW E2A
2006-10-16
13
Bestimmung der Bord - Temperatur T
B
Die Board - Temperatur T
B kann mit Hilfe eines NTC bestimmt werden, gemessen an den NTC
Anschlusskontakten. Aus T
NTC kann TB folgendermaßen berechnet werden.
Estimation of the Bord Temperature T
B
The board temperautre T
B can be determined with the NTC, measured on the NTC pads. TB can be
calculated using T
NTC as shown below.
T
B = TNTC + Rth, B-NTC x POSTAR
R
th, B-NTC = 0,25
K/
W
P
OSTAR = IF x UF
Anschlusskontaktierung
Contacting
Drahttyp
Wire type
Durchmesser
Diameter
Lötspitze
Solder Tip
Temperatur
Temperature
Lötzeit
Solder Time
AWG 18
~0.8 mm
(Litze;
flexible wire)
3.2 mm
(Meisel;
Chisel)
250 °C
350 °C
16 sec.
6 sec
AWG 20
~0.5 mm
(Litze;
flexible wire)
3.2 mm
(Meisel;
Chisel)
250 °C
350 °C
14 sec.
5 sec
AWG 22
~0.3 mm
(Litze;
flexible wire)
3.2 mm
(Meisel;
Chisel)
250 °C
350 °C
9 sec.
3 sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com